Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 5Page - Renesas Technology Corp RZ/T2M Datasheet HTML 6Page - Renesas Technology Corp RZ/T2M Datasheet HTML 7Page - Renesas Technology Corp RZ/T2M Datasheet HTML 8Page - Renesas Technology Corp RZ/T2M Datasheet HTML 9Page - Renesas Technology Corp RZ/T2M Datasheet HTML 10Page - Renesas Technology Corp RZ/T2M Datasheet HTML 11Page - Renesas Technology Corp RZ/T2M Datasheet HTML 12Page - Renesas Technology Corp RZ/T2M Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
Table 1.11
Safety (2 of 2)
Feature
Functional description
Clock monitor circuit (CLMA)
● Monitors the abnormal output clock frequency from the input clock (main clock oscillator),
PLL circuit, or low-speed on-chip oscillator.
● Input clock oscillation stop detection: Available
Data operation circuit (DOC)
The function to compare, add, or subtract 16-bit data
Isolated peripherals
● Safety dedicated peripherals are available:
– GPT: 4 ch
– SCI: 1 ch
– IIC: 1 ch
– SPI: 1 ch
– CRC: 1 unit
– RTC: 1 unit
– GPIO: Sharable with normal GPIO
– On-chip system SRAM with ECC
● They are mapped independently from normal peripherals so that access protection can be
done by EL2 MPU.
Table 1.12
Security
Feature
Functional description
Security*1
● Secure boot
● JTAG authentication
● Cryptographic accelerators
– Symmetric Cipher: AES 128/192/256 bits with CBC/ECB/CTR/GCM/XTS
– Asymmetric Cipher: ECC 256 bits, RSA 1024/2048/3072 bits, RSAES-OAEP
– Hash: SHA-1, SHA-2
– Message authentication: HMAC, CMAC, GMAC
– Signature algorithms: ECDSA with NIST P-256, RSASSA-PSS, RSASSA-PKCS1
● TRNG
Note 1. Details of these optional functions will only be disclosed after completion of a binding non-disclosure agreement. For details, contact
our sales representative.
Table 1.13
Debug
Feature
Functional description
Debugging interface
● CoreSight architecture designed by Arm
● Debugging function by the JTAG/SWD interface, and trace function by the trace port
interface
Table 1.14
Others
Feature
Functional description
Power supply voltage
VDD = 1.1 V (Core)
VCC18 = 1.8 V (PLL, USB, ADC, TSU)
VCC33 = 3.3 V (I/O, USB)
VCC1833 = 1.8 V or 3.3 V (RGMII/RMII/MII*1, xSPI)
Operating temperature
Tj = −40 to +125°C
Packages
320 pin FBGA 17 × 17 mm, 0.8-mm pitch
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
176 pin LQFP (Exposed Die Pad) 24 × 24 mm, 0.5-mm pitch
128 pin LQFP (Exposed Die Pad) 20 × 14 mm, 0.5-mm pitch
Note 1. Regarding Ethernet interface, RGMII mode should be set to 1.8 V. RMII and MII modes should be set to 3.3 V.
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 9 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com