Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 35Page - Renesas Technology Corp RZ/T2M Datasheet HTML 36Page - Renesas Technology Corp RZ/T2M Datasheet HTML 37Page - Renesas Technology Corp RZ/T2M Datasheet HTML 38Page - Renesas Technology Corp RZ/T2M Datasheet HTML 39Page - Renesas Technology Corp RZ/T2M Datasheet HTML 40Page - Renesas Technology Corp RZ/T2M Datasheet HTML 41Page - Renesas Technology Corp RZ/T2M Datasheet HTML 42Page - Renesas Technology Corp RZ/T2M Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Table 1.20
List of pins and pin functions (176-pin LQFP) (2 of 6)
Pin
number
Power supply clock
system control
I/O port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (RSCI, IIC,
GMAC, ETHSW, ESC, USB,
CANFD, SPI, xSPI)
DSMIF
Interrupt
ADC12
Encoder I/F
12
TMS
P02_6
RXD5 / SCL5 / MISO5
ENCIF6
13
TCK
P02_7
TXD5 / SDA5 / MOSI5
ENCIF7
14
TRACEDATA3
P03_0
A14 / CS5#
GTADSML1
SCK2 / CANTXDP1 / SPI_SSL32
IRQ14
ENCIF8
15
BSCANP
16
P03_2
A13
CTS2# / CANRXDP0
NMI
17
P03_3
WAIT# / TEND
DE2 / USB_OTGID
IRQ11
ENCIF9
18
P03_4
RD/WR#
SS2# / CTS2# / RTS2# /
SPI_SSL03
IRQ7
19
P03_5
A12
MTIOC3A / GTIOC4A
RXD2 / SCL2 / MISO2
MCLK2
IRQ5
20
TRACEDATA4
P03_6
A11
MTIOC3B / GTIOC4B
TXD2 / SDA2 / MOSI2 /
SPI_SSL13
MDAT2
IRQ8
21
TRACEDATA5
P03_7
A10
MTIOC3C / GTIOC5A
SCK3
IRQ9
22
TRACEDATA6
P04_0
A9
MTIOC3D / GTIOC5B
RXD3 / SCL3 / MISO3
23
VDD
24
P04_1
CKIO
TXD3 / SDA3 / MOSI3 /
IIC_SDA2 / SPI_MOSI0
25
P04_2
CS0#
26
P04_3
RD#
SS3# / CTS3# / RTS3# /
IIC_SCL2 / USB_OVRCUR /
SPI_RSPCK0
27
TRACEDATA7
P04_4
A8
POE10# / GTADSMP0
CTS3# / SPI_RSPCK1
IRQ10
ENCIF10
28
MD0
P04_5
A7
DE3
29
MD1
P04_6
A6 / DACK
RTCAT1HZ
30
MD2
P04_7
A5
SPI_SSL21
31
P05_0
A4
MTIOC4A / GTIOC6A /
CMTW0_TOC0
SS5# / CTS5# / RTS5# /
USB_VBUSEN / CANTXDP0
MCLK3
IRQ12
ENCIF11
32
P05_1
A3
MTIOC4B / GTIOC6B /
CMTW0_TIC1
CTS5# / USB_EXICEN /
CANRXDP0
MDAT3
IRQ13
ENCIF12
33
P05_2
A2 / DREQ
MTIOC4C /
GTETRGSA /
GTIOC7A /
CMTW0_TOC0
DE5 / IIC_SCL1 / USB_VBUSEN /
CANRX0
IRQ14
ENCIF13
34
P05_3
A1
MTIOC4D / POE11# /
GTETRGSB /
GTIOC7B /
CMTW0_TIC0
SCK4 / IIC_SDA1 / USB_EXICEN /
CANTX0
IRQ15
ENCIF14
35
VDD
36
P05_4
A0 / DACK
GTIOC14A
RXD4 / SCL4 / MISO4 /
USB_OVRCUR / CANTXDP0 /
SPI_SSL00
IRQ12
ENCIF15
37
P05_5
D16
GTIOC14B /
CMTW0_TOC1
SPI_RSPCK2
38
P05_6
D17
GTIOC15A /
CMTW1_TIC0
SPI_SSL22
IRQ12
39
P05_7
D18
GTIOC15B /
CMTW1_TOC1
TXD4 / SDA4 / MOSI4 /
SPI_SSL23
40
P06_0
D19
GTIOC16A /
CMTW1_TOC0
SS4# / CTS4# / RTS4# /
CANRX1 / SPI_SSL23
41
P06_2
D20
GTIOC17A
CANRXDP1
42
VDD
43
P06_6
D21
GTIOC12A
SPI_SSL10
44
VCC33
45
P07_4
USB_VBUSIN
IRQ1
ADTRG0#
46
VCC33
47
MDX
48
RES#
49
P07_5
A21 / D22
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 39 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com