Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 6Page - Renesas Technology Corp RZ/T2M Datasheet HTML 7Page - Renesas Technology Corp RZ/T2M Datasheet HTML 8Page - Renesas Technology Corp RZ/T2M Datasheet HTML 9Page - Renesas Technology Corp RZ/T2M Datasheet HTML 10Page - Renesas Technology Corp RZ/T2M Datasheet HTML 11Page - Renesas Technology Corp RZ/T2M Datasheet HTML 12Page - Renesas Technology Corp RZ/T2M Datasheet HTML 13Page - Renesas Technology Corp RZ/T2M Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
1.2
Function Comparison
Table 1.15
Comparison of Functions for Different Packages
Module/Function
320 pins
225 pins
176 pins
128 pins
CPU
ARM Cortex-R52
Dual
Dual
Single (CPU0)
Single (CPU0)
Memory
System SRAM
2.0 MB
2.0 MB
1.5 MB
1.5 MB
External bus
External bus width
32 bits
16 bits
Interrupt
External interrupt
NMI, IRQ0 to IRQ15
DMA
DMA controller (DMAC)
2 units (DMAC0: 16 channels, DMAC1: 16 channels)
Timer
Multi-function timer pulse unit 3 (MTU3)
9 channels
General PWM timer (GPT)
18 channels
18 channels*1
18 channels*2
Compare match timer (CMT)
6 channels
Compare match timer W (CMTW)
2 channels
Watchdog timer
2 channels
1 channels
Port output enable 3 (POE3)
Available
Port output enable for GPT (POEG)
Available
Real time clock (RTC)
Available
Communication
function
Ethernet MAC (GMAC)
1 port*6
Not supported
Ethernet switch (ETHSW)
3 ports (PHY interface)*6
Not supported
EtherCAT slave controller (ESC)
3 ports*6
Not supported
USB 2.0 HS host/function module (USB)
1 port
Serial communication interface (SCI)
6 channels
I2C bus interface (IIC)
3 channels
CANFD module (CANFD)
2 channels*7
2 channels
(Classical CAN mode only)
Serial peripheral interface (SPI)
4 channels
Expanded serial peripheral interface (xSPI)
2 channels
(1.8 V or 3.3 V)
1 channel
(1.8 V or 3.3 V)
2 channels*3
(3.3 V)
ΔΣ interface (DSMIF)
2 units (DSMIF0: 3 channels, DSMIF1: 3 channels)
Arithmetic unit for trigonometric functions (TFU)
Available
12-bit A/D converter (ADC12)
2 units
(ADC120:
8 channels,
ADC121:
16 channels)
2 units
(ADC120:
4 channels,
ADC121:
8 channels)
1 unit (ADC120: 8 channels)
Temperature sensor unit (TSU)
Available
CRC calculator (CRC)
2 channels
Clock monitor circuit (CLMA)
Available
Data operation circuit (DOC)
Available
Security*4
Optional
Event link controller (ELC)
Available
Encoder interfaces*5
Available
Note 1. Input capture and output compare port is not supported for ch13.
Note 2. Input capture and output compare port is not supported for ch11 to ch13.
Note 3. Up to quad connection
Note 4. Details of these optional functions will only be disclosed after completion of a binding non-disclosure agreement. For details, contact
our sales representative.
Note 5. For details, contact our sales representative.
Note 6. The 225-pin product has non-supported devices.
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0100 Rev.1.00
Mar 22, 2022
Page 10 of 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com