Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216C Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI5USB30216C Datasheet HTML 5Page - Diodes Incorporated PI5USB30216C Datasheet HTML 6Page - Diodes Incorporated PI5USB30216C Datasheet HTML 7Page - Diodes Incorporated PI5USB30216C Datasheet HTML 8Page - Diodes Incorporated PI5USB30216C Datasheet HTML 9Page - Diodes Incorporated PI5USB30216C Datasheet HTML 10Page - Diodes Incorporated PI5USB30216C Datasheet HTML 11Page - Diodes Incorporated PI5USB30216C Datasheet HTML 12Page - Diodes Incorporated PI5USB30216C Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
9
©Diodes Incorporated
PI5USB30216C
ID
When PI5USB30216C is configured as host mode (or dual role acting as host), ID pin will be pulled low when a device is attached
to the type-C connector. The ID pin will work as an interrupt signal to acknowledge system when there is device attachment. It
should be noted the ID pin will not be driven low when an audio or debug accessory is detected, and ID pin will always stay Hi-Z
when port is in device mode.
Audio Adapter Accessory and Debug Accessory Mode
PI5USB30216C can detect audio adapter accessory or debug accessory attachment as per CC1/CC2 setting. This is reported in CC
Status Register (0x04) to help system to configure Audio Adapter Accessory Mode or Debug Accessory Mode accordingly.
VBUS Detection
PI5USB30216C detects VBUS to determine the attached state when port is a device. A 910kohm +/- 5% is required to connect
VBUS of the connector to VBUSDET input pin to protect the IC from the possible high voltage of VBUS during alternative mode.
ENB
ENB is an active low enable input pin. When ENB pin is high, part is in disable and low power state. All outputs, with the
exception of CC1, CC2, SCL, SDA & INTB are in High-Z state. CC1 and CC2 pins are pulled low with resistors Rd in disable state.
I2C port will also be reset during disable state. SCL & SDA are still functional when the part is disable and ADDR is not floating.
I2C port will also reset during every transition (rising or falling edge) of ENB. Connection State will also be reset and forced to be
“DISABLED” state. Interrupt will be set low and Register 03H/04H (Interrupt/CC status) will be updated to indicate the change of
state. However, disable has no effect on the value of Register 02H (Control).
When ENB pin is low, part is enabled. The connection state will activate and detection will restart.
Dead Battery Startup
PI5USB30216C ensures dead battery charging when VDD=0V. Both CC1 and CC2 will be pulled down when VDD=0V. Such
configuration helps other host port detect the dead battery port as a device mode port and enable charging through VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com