Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216C Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI5USB30216C Datasheet HTML 9Page - Diodes Incorporated PI5USB30216C Datasheet HTML 10Page - Diodes Incorporated PI5USB30216C Datasheet HTML 11Page - Diodes Incorporated PI5USB30216C Datasheet HTML 12Page - Diodes Incorporated PI5USB30216C Datasheet HTML 13Page - Diodes Incorporated PI5USB30216C Datasheet HTML 14Page - Diodes Incorporated PI5USB30216C Datasheet HTML 15Page - Diodes Incorporated PI5USB30216C Datasheet HTML 16Page - Diodes Incorporated PI5USB30216C Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
13
©Diodes Incorporated
PI5USB30216C
Table 3. I2C Register
Address
Name
Description
Default Value
Type
0x01
Device ID
Bits [7:5] = Chip ID
01h = PI5USB30216C
Bits [4:3] = Version ID
00h = Product version
Bits [2:0] = Vendor ID(Pericom)
00h = Pericom
20h
R
0x02
Control
Bit 7 = Powersaving
0 = Enable/Active state
1 = Disable and low power state
In Disable and low power state, all outputs of PI5USB30216C, with
the exception of CC1 and CC2 pins, are in High-Z State. CC1 and
CC2 pins are pulled low with resistor Rd.
Bits [6] = Dual role 2 Try.SRC or Try.SNK setting
0 = Enable Try.SRC supported
1 = Enable Try.SNK supported
Bits [5] = Accessory Detection in Device Mode
0 = Disable
1 = Enable
Bits [4:3] = Charging current mode
System can set the charging current mode when port is a host or dual role
acting as host. These bits are ignored when port is a device or dual role
acting as device.
00 = Default current mode
01 = Medium current mode (1.5A)
10 = High current mode (3A)
Bits [2:1] = 00h (POR value)
System can set the role of the port.
00 = Device (SNK)
01 = Host (SRC)
10 = Dual Role (DRP)
11 = Dual Role 2 (DRP) where Try.SRC or Try.SNK is supported
Bit 0 = Interrupt Mask
INTB pin is used to acknowledge system if there is any interrupt events
triggered. When this bit is set to 0, INTB pin is pulled low when an
interrupt
event occur. When this bit is set to 1, INTB pin ignores all interrupt and
remain High-Z.
0 = Do not mask interrupt
1 = Mask interrupt
00h
R/W
0x03
Interrupt
Bits [7:2] = Reserved. Read all 0’s.
Bit 1 = Detach event
When this bit is set to 1, it indicates the unplug action. The port changes
from attached state (Attached.SNK, Attached.SRC, AudioAccessory or
DebugAccessory state) to unattached state.
Bit 0 = Attach event
When this bit is set to 1, it indicates the plug action. The port changes
from unattached state to attached state.
00h
Clearable
read
only.
Bits[1:0] are
cleared when
Byte 3 is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com