Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216C Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI5USB30216C Datasheet HTML 6Page - Diodes Incorporated PI5USB30216C Datasheet HTML 7Page - Diodes Incorporated PI5USB30216C Datasheet HTML 8Page - Diodes Incorporated PI5USB30216C Datasheet HTML 9Page - Diodes Incorporated PI5USB30216C Datasheet HTML 10Page - Diodes Incorporated PI5USB30216C Datasheet HTML 11Page - Diodes Incorporated PI5USB30216C Datasheet HTML 12Page - Diodes Incorporated PI5USB30216C Datasheet HTML 13Page - Diodes Incorporated PI5USB30216C Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
10
©Diodes Incorporated
PI5USB30216C
Pin Control Functional Description
Type-C Connector Port Setting (PORT)
PI5USB30216C can be configured as different ports by changing PORT pin voltage level.
Table 1A. Port Setting
Port setting
PORT
Device (SNK)
GND
Dual-role port (DRP) with Try.SNK
No Connection
Host (SRC)
VDD
Type-C Connector Current Mode Detection (OUT1, OUT2)
PI5USB30216C can detect different host current modes and other accessories per CC1/CC2 setting. When PI5USB30216C
operates in device mode (or dual role mode acting as device), it detects CC1/CC2 status to determine host charging current modes
and reports to the system using OUT1 and OUT2 pins. OUT1 and OUT2 will always stay hi-z unless medium or high current
mode is detected.
Table 1B. Current Mode Detection
OUT2
OUT1
Default current mode
Hi-Z
Hi-Z
Medium current mode (1.5A)
Hi-Z
Low
High current mode (3A)
Low
Low
Type-C Connector Current Mode Setting in Host Mode
When PI5USB30216C is configured as a host, it can only be set to Default Current Mode (current source Ip=80uA). I2C control is
required to set current mode to 1.5A or 3A.
Audio Adapter Accessory Detection (OUT3)
PI5USB30216C detects audio adapter accessory attachment as per CC1/CC2 setting. This is reported by the OUT3 pin. OUT3
will be pulled low when an audio adapter accessory attachment is detected. Otherwise, OUT3 is hi-z.
Table 1C. Audio Adapter Accessory Detection
Audio Adapter Accessory
OUT3
Detected
Low
Not Detected
Hi-Z
ADDR, ID, ENB, and Dead Battery Startup
Functionality of the ADDR, ID, and ENB pins are the same for pin control or I2C control modes. Dead battery startup operation
is also the same for pin control and I2C control modes. Please refer to previous section for detail description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com