Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Datasheet(HTML) 3 Page - Diodes Incorporated

  PI5USB30216C Datasheet HTML 1Page - Diodes Incorporated PI5USB30216C Datasheet HTML 2Page - Diodes Incorporated PI5USB30216C Datasheet HTML 3Page - Diodes Incorporated PI5USB30216C Datasheet HTML 4Page - Diodes Incorporated PI5USB30216C Datasheet HTML 5Page - Diodes Incorporated PI5USB30216C Datasheet HTML 6Page - Diodes Incorporated PI5USB30216C Datasheet HTML 7Page - Diodes Incorporated PI5USB30216C Datasheet HTML 8Page - Diodes Incorporated PI5USB30216C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
3
©Diodes Incorporated
PI5USB30216C
Pin Configuration
Pin Descriptions
Pin#
Pin Name
Type
Description
1
CC1
I/O
Type-C Configuration channel signal
2
CC2
I/O
Type-C Configuration channel signal
3
PORT
I
Tri-level input pin to indicate port mode in pin control mode
(see functional description):
PORT is floating – Dual role (DRP) with Try. SNK;
PORT=VDD – Host (SRC);
PORT=GND – Device (SNK)
4
VBUSDET
I
4V to 28V VBUS input voltage. VBUS detection determines Device attachment.
One 910kΩ external resistor required between system VBUS and VBUSDET pin
5
ADDR
I
Tri-level input pin to indicate I2C address or pin control mode:
ADDR is floating – Pin control mode;
ADDR=VDD
– I2C enabled with ADDR bit 6 equal to 1;
ADDR=GND
– I2C enabled with ADDR bit 6 equal to 0
6
INTB / OUT3
O
Open drain output. In I2C control mode, this is an active LOW interrupt signal for
indicating changes in I2C registers.
Dual function as audio adapter accessory detection in pin control mode:
OUT3=Hi-Z – Not detected
OUT3=Low – Audio adapter accessory detected
7
SDA / OUT1
I/O
I2C communication data signal.
Dual function as open drain Type-C Current Mode Detect 1 in pin control mode
when port is a device:
OUT2 OUT1 Current Mode
Hi-Z Hi-Z Default
Hi-Z Low Medium
Low Low High
8
SCL / OUT2
I/O
I2C communication clock signal.
Dual function as open drain Type-C Current Mode Detect 2 in pin control mode
when port is a device:
OUT2 OUT1 Current Mode
Hi-Z Hi-Z Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com