Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216C Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI5USB30216C
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216C Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI5USB30216C Datasheet HTML 11Page - Diodes Incorporated PI5USB30216C Datasheet HTML 12Page - Diodes Incorporated PI5USB30216C Datasheet HTML 13Page - Diodes Incorporated PI5USB30216C Datasheet HTML 14Page - Diodes Incorporated PI5USB30216C Datasheet HTML 15Page - Diodes Incorporated PI5USB30216C Datasheet HTML 16Page - Diodes Incorporated PI5USB30216C Datasheet HTML 17Page - Diodes Incorporated PI5USB30216C Datasheet HTML 18Page - Diodes Incorporated PI5USB30216C Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PI5USB30216C
www.diodes.com
June 2022
Document Number DS44976 Rev 1-2
15
©Diodes Incorporated
PI5USB30216C
Table 4. I2C Register Table
In I2C mode, PI5USB30216C will initialize to device mode when powered up, Bit 1and Bit 2 of the register 02H is 00 whenever the
Port is GND, VDD or floating.
Address
Register Type Reset
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01H
Device
ID
Read 00100000
Chip ID (PI5USB30216C): 001
Version ID : 00
Vendor ID (Pericom): 000
02H Control Read/
Write 00000000
Powersaving Dual Role
2
Accessory
Detection in
Device Mode
Charging Current mode
(Port is a Host)
Port setting
(see below)
Interrupt Mask
0: No
Powersaving
1:
Powersaving
0: Try.SRC
supported
1:
Try.SNK
supported
0: Disable
1: Enable
00: Default
01: Medium
10: High
00: Device
01: Host
10: Dual Role
11: Dual Role 2
0: Does not
Mask Interrupts
1: Mask
Interrupts
03H Interrupt Read/
Clear 00000000
reserved
Detach Event Attach Event
0: No Interrupt
1: Change
from
attached to
detached
1: Change from
detached to
attached
04H CC status Read 00000000
VBUS
detection
(Port is a
Device or in
accessory
mode)
Charging current detection
(Port is a Device)
Attached Port Status
Plug polarity
0: Vbus not
detected
1: Vbus
detected
00: Standby
01: Default
10: Medium
11: High
000: Standby
001: Device
010: Host
011: Audio
100: Debug Accessory
101: Device with Active
cable
00: Standby
01: CC1 connected
10: CC2 connected
11: undetermined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com