Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7S-A0001-R100 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D7S-A0001-R100
Description  Helps Prevent Fire and Other Second
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7S-A0001-R100 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D7S-A0001-R100 Datasheet HTML 2Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 3Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 4Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 5Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 6Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 7Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 8Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 9Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
D7S
Vibration Sensor
Helps Prevent Fire and Other Second-
ary Disasters after an Earthquake.
The World’s Smallest Class Size
Seismic Sensor.
• Using the SI value, which has a high correlation with the seismic
intensity scale that indicates the magnitude of an earthquake, provides
higher-precision judgment of seismic intensity scales.
• The 3-axis acceleration Sensor and OMRON’s unique SI value
calculation algorithm achieve surface-mountable compact modules
and low power consumption.
• Higher degree of freedom for incorporation into devices and prolonged
operation on battery power.
• Shutoff output terminal (INT1) operates equivalent to a conventional
mechanical vibration sensor and ensures compatibility with
mechanical vibration sensors.
•I2C interface is able to obtain earthquake-related information from the
Sensor with communications from external devices.
Ordering Information
* Products are packed with embossed tape.
Characteristics/Performance
RoHS Compliant
Refer to the Safety Precautions on page 9.
Type
Appearance
Power supply voltage
Model
Minimum packing unit *
Surface-mounting
Vibration Sensor
2.1 to 5.5 V
D7S-A0001
1,000 pcs.
D7S-A0001-R100
100 pcs.
Item
Model
D7S-A0001
Power Supply Voltage
2.1 to 5.5 V
Current consumption
During standby: 90
μA or less
Processing (average): 300
μA or less
Operating Temperature
−30 to 70°C (with no condensation or icing)
Storage Temperature
−40 to 80°C (with no condensation or icing)
Ambient Humidity
25% to 95% (with no condensation or icing)
Storage Humidity
25% to 95% (with no condensation or icing)
Acceleration Detection Range
−2,000 to 2,000 gal
Shutoff Output (INT1)
Output at seismic intensity level 5 or higher.
Communications Interface
I2C
Dimensions
10.9
× 9.8 mm
Installation angle
±5
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com