Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7S-A0001-R100 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D7S-A0001-R100
Description  Helps Prevent Fire and Other Second
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7S-A0001-R100 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D7S-A0001-R100 Datasheet HTML 1Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 2Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 3Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 4Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 5Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 6Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 7Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 8Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The SI value (or spectral intensity) is equivalent to the magnitude of
the destructive energy imposed by seismic motion on structures.
The SI value, which is the average value of the integrated velocity
response spectrum, is an index that expresses the destructive force of
seismic motion and is highly correlated with the damage to structures.
SI =
Sv( T,h)dT
2.4
1
2.5
0.1
SI value
formula
What Is an SI Value?
Relationship between SI Value and
Measured Seismic Intensity Equivalent Value
Vibration Sensors D7S
7
6
5
4
3
1.0
10.0
100.0
SI value (kine): Logarithmic axis
Seismic intensity scale of Japan
9.8mm
D7S
10.9mm
Compact & High-precision Seismic Sensors
- Reducing Secondary Disasters from Earthquakes -
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com