Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7S-A0001-R100 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D7S-A0001-R100
Description  Helps Prevent Fire and Other Second
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7S-A0001-R100 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D7S-A0001-R100 Datasheet HTML 4Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 5Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 6Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 7Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 8Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 9Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 10Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 11Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
D7S
Vibration Sensor
 Operation Chart
Dimensions (Unit: mm)
Power ON
(approx. 4 s)
Standby Initial installation
INT2
INT1
SETTING
Standby
Standby
SI value and other signal processing
(approx. 2 minutes)
Earthquake information stored.
Shutoff judgment (earthquake level 5 or higher).
Timing depends on seismic waves.
Power ON
Change to Initial Installation Mode by
making the Setting Pin low or by
executing Mode Register Setting
Change through I2C communications.
Vibration Sensor
operation
Start of earthquake
judgement
11.4
10
1.27±0.05
5.08±0.1
10.9±0.5
9.8
0.8±0.2
1.27±0.1
5.08
1
56
10
Lot number product ID label
0.9
2.1 max.
8.3
10
65
1
1
5
10
6
1.25
0
-0.05
8.3
0
-0.05
1.02
0
-0.05
D7S-A0001
Recommended Mounting Pattern
(TOP VIEW)
Note. Do not mount other components or place wiring pat-
terns in the area marked with diagonal lines.
Recommended Mounting Conditions
Peak mounting temperature: 245
°C min. (260°C max.)
Reflow time: 64 to 80 s (220
°C)
Reflow repetitions: Up to 2
(TOP VIEW)
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com