Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7S-A0001-R100 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D7S-A0001-R100
Description  Helps Prevent Fire and Other Second
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7S-A0001-R100 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D7S-A0001-R100 Datasheet HTML 3Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 4Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 5Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 6Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 7Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 8Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 9Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 10Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
D7S
Vibration Sensor
Connections
 Terminal Arrangement
 Block Diagram
 Circuit Diagrams
No.
Signal
Function
Direction
Description
1
VCC
Power supply voltage
---
2
INT1
Shutoff output
OUT
An open-drain output.
Goes active (ON) when the shutoff judgment condition and collapse detection condition
are met.
3INT2
Processing notification
output
OUT
An open-drain output.
Goes active (ON) during earthquake calculations, offset acquisition, and self-diagnostic
processing.
4SCL
I2C clock
IN
Pull up the voltage to VCC even when you do not use I2C.
5SDA
I2C data
IN/OUT
Pull up the voltage to VCC even when you do not use I2C.
6
GND
Power supply ground
---
7
SETTING
Initial setting input
IN
Changes the Sensor to Initial Installation Mode for an input from an external device.
Normal Mode: High
Initial Installation Mode: Low
8
NC
Not connected
---
Completely floating and cannot be connected to another line.
9
VCC
Power supply voltage
---
10
GND
Power supply ground
---
1
2
3
4
5
10
9
8
7
6
INPUT×2
VCC
OUTPUT×2
I2C
GND
D7S
SDA
SCL
VCC
INT1
INT2
1. VCC
2. INT1
3. INT2
4. SCL
5. SDA
10. GND
9. VCC
8. NC
7. SETTING
6. GND
SETTING
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com