Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7S-A0001-R100 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D7S-A0001-R100
Description  Helps Prevent Fire and Other Second
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D7S-A0001-R100 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D7S-A0001-R100 Datasheet HTML 1Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 2Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 3Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 4Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 5Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 6Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 7Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 8Page - Omron Electronics LLC D7S-A0001-R100 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
As an index, the SI value has a higher
correlation with the seismic intensity scale
of Japan than the maximum acceleration
does. This makes it possible to make
judgments that accurately reflect structural
damage.
Ultra
Compact
High
Precision
IoT
Friendly
The Best for Embedding in Equipment
Maximum acceleration
Overview
Calculation load
Maximum acceleration value
Calculated from the
acceleration
Average value of the
shaking velocity
Small
Large
Small to medium
Correlation with
structural damage
Correlation with the
Japan Meteorological
Agency’s earthquake level
Empirical formula
set by the Japan
Meteorological Agency
Others
Seismic intensity scale of Japan
SI value
Comparison of SI Values and Acceleration
New earthquake detection sensors with high detection precision and low electricity
consumption through 3-axis acceleration sensors and a unique SI value calculation algorithm.
Superior cost performance.
The D7S can be embedded in essentially any device thanks to
its ultra-small size and ultra-low consumption to contribute to
package downsizing.
Earthquake Maps and Rescue Maps
Internal memory and I2C interface enable the creation of
original applications.
Rejects Impulse Vibration Noise
Spectral intensity (SI) high-precision earthquake indicator,
which correlates highly with damage to structures.
The SI value correlates
highly with the measured
seismic intensity and can be
calculated easily, so it is
used by major gas
companies and railroads too.
Introducing this
measurement method
involves cost because
Japan Meteorological
Agency certification is
required.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com