Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM8373 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 32Page - NXP Semiconductors OM8373 Datasheet HTML 33Page - NXP Semiconductors OM8373 Datasheet HTML 34Page - NXP Semiconductors OM8373 Datasheet HTML 35Page - NXP Semiconductors OM8373 Datasheet HTML 36Page - NXP Semiconductors OM8373 Datasheet HTML 37Page - NXP Semiconductors OM8373 Datasheet HTML 38Page - NXP Semiconductors OM8373 Datasheet HTML 39Page - NXP Semiconductors OM8373 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
2004 Jan 15
36
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
Screen and Global Controls
A number of attributes are available that affect the whole
display region, and cannot be applied selectively to
regions of the display.
TV SCAN LINES PER ROW
The number of TV scan lines per field used for each
display row can be defined, the value is independent of the
character size being used. The number of lines can be
either 10/13/16/18 per display row. The number of TV scan
lines per row is defined TXT21.DISP_LINES<1:0>.
A value of 9 lines per row can be achieved if the display is
forced into 525 line display mode by
TXT17.DISP_FORCE<1:0>, or if the device is in 10 line
mode and the automatic detection circuitry within display
finds 525 line display syncs.
CHARACTER MATRIX (HXV)
There are several different character matrices available,
these are 12x10, 12x13, 12x16, 12x18, 16x10, 16x13,
16x16 and 16x18. The selection is made using
TXT21.CHAR_SIZE<1:0> and TXT10.CHAR_16/12 and
is independent of the number of display lines selected per
row.
If the character matrix is less than the number of TV scan
lines per row then the matrix is padded with blank lines. If
the character matrix is greater than the number of TV scan
lines then the character is truncated.
CHARACTER SPACING
Characters may be spaced in both the horizontal and
vertical directions. Inter character spacing in the horizontal
direction can be defined using TXT37.CHAR SPACE<2:0>
(0-4 pixels) and the number of TV lines between character
rows can be defined using TXT37.TV LINE SPACE<2:0>
(0-7 TV lines). These spacing are applied outside the
selected character matrix and in addition to the number of
TV lines per row.
DISPLAY MODES
When attributes superimpose or when boxing (see Table
13, Serial Mode 0/1, bit 6) is set, the resulting display
depends on the setting of the following screen control
mode bits in REG0:Display Control.
SCREEN COLOUR
Screen colour is displayed from 10.5 ms to 62.5 ms after
the active edge of the HSync input and on TV lines 23 to
310 inclusive, for a 625 line display, and lines 17 to 260
inclusive for a 525 line display.
The screen colour is defined by REG0:Display Control and
points to a location in the CLUT table. The screen colour
covers the full video width. It is visible when the Full Text
or Mixed Screen Colour mode is set and no foreground or
background pixels are being displayed.
Text Display Controls
TEXT DISPLAY CONFIGURATION
Two types of area are possible. The one area is static and
the other is dynamic. The dynamic area allows scrolling of
a region to take place. The areas cannot cross each other.
Only one scroll region is possible.
Display Map
The display map allows a flexible allocation of data in the
memory to individual rows.
Sixteen words are provided in the display memory for this
purpose. The lower 10 bits address the first word in the
Display Mode
MOD
10
Description
Video
0 0
Video mode disables all display
activities and sets the RGB to true
black and VDS to video.
Full Text
0 1
Full Text mode displays screen
colour at all locations not covered by
character foreground or background
colour. The box attribute has no
effect.
Mixed Screen
Colour
1 0
Mixed Screen mode displays screen
colour at all locations not covered by
character foreground, within boxed
areas or, background colour.
Mixed Video
1 1
Mixed Video mode displays video at
all locations not covered by
character foreground, within boxed
areas or, background colour.
Table 14 Display Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com