Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM8373 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 86Page - NXP Semiconductors OM8373 Datasheet HTML 87Page - NXP Semiconductors OM8373 Datasheet HTML 88Page - NXP Semiconductors OM8373 Datasheet HTML 89Page - NXP Semiconductors OM8373 Datasheet HTML 90Page - NXP Semiconductors OM8373 Datasheet HTML 91Page - NXP Semiconductors OM8373 Datasheet HTML 92Page - NXP Semiconductors OM8373 Datasheet HTML 93Page - NXP Semiconductors OM8373 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
2004 Jan 15
90
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
Fig.27 Base-band tint control curve.
+50
+30
+10
−10
−30
−50
(deg)
0
10
20
30
40
DAC(HEX)
MLA741 - 1
90
50
10
(%)
0
10203040
DAC (HEX)
20
30
40
60
70
80
100
Fig. 28 Contrast control curve.
Fig. 29 Brightness control curve.
MLA742 - 1
0.7
0.35
0
0.35
0.7
0
(V)
0
10203040
DAC (HEX)
MBC212
100%
92%
30%
16 %
for negative modulation
100% = 10% rest carrier
Fig. 30 Video output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com