Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM8373 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 82Page - NXP Semiconductors OM8373 Datasheet HTML 83Page - NXP Semiconductors OM8373 Datasheet HTML 84Page - NXP Semiconductors OM8373 Datasheet HTML 85Page - NXP Semiconductors OM8373 Datasheet HTML 86Page - NXP Semiconductors OM8373 Datasheet HTML 87Page - NXP Semiconductors OM8373 Datasheet HTML 88Page - NXP Semiconductors OM8373 Datasheet HTML 89Page - NXP Semiconductors OM8373 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
2004 Jan 15
86
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
OM8373; OM8378
51. This parameter indicates the bandwidth of the complete chrominance circuit including the chrominance bandpass
filter. The bandwidth of the low-pass filter of the demodulator is approximately 1 MHz.
52. The subcarrier output is combined with a 3-level switch output which can be used to switch external circuits like
sound traps etc. This output is controlled by the CMB1 and CMB0 bits in control byte 22H. The subcarrier signal is
available when CMB1/0 are set to 0/1.
53. Because of the 2-point black current stabilization circuit both the black level and the amplitude of the RGB output
signals depend on the drive characteristic of the picture tube. The system checks whether the returning measuring
currents meet the requirement and adapts the output level and gain of the circuit when necessary. Therefore the
typical value of the black level and amplitude at the output are just given as an indication for the design of the RGB
output stage.
The 2-point black level system adapts the drive voltage for each cathode in such a way that the 2 measuring currents
have the right value. This has the consequence that a change in the gain of the output stage will be compensated
by a gain change of the RGB control circuit. Because different picture tubes may require different drive voltage
amplitudes the ratio between the output signal amplitude and the inserted measuring pulses can be adapted via the
I2C-bus. This is indicated in the parameter ‘Adjustment range of the cathode drive level’.
Because of the dependence of the output signal amplitude on the application the soft clipping limiting has been
related to the input signal amplitude.
54. The alignment system for the Vg2 voltage of the picture tube can be activated by means of the AVG bit. In that
condition a certain black level is inserted at the RGB outputs during a few lines. The value of this level can be
adjusted by means of the brightness control DAC. An automatic adjustment of the Vg2 of the picture tube can be
realised by using the WBC and HBC bits in output byte 01. For a black level feedback current between 12 and 20
µA
the WBC = 1, for a higher or lower current WBC = 0. Whether the current is too high or too low can be found from
the HBC bit. The indication of these bits can be made visible on the screen via OSD so that this alignment procedure
can also be used for service purposes.
55. When the reproduction of 4 : 3 pictures on a 16 : 9 picture tube is realised by means of a reduction of the horizontal
scan amplitude the edges of the picture may slightly be disturbed. This effect can be prevented by adding an
additional blanking to the RGB signals. The blanking pulse is derived form the horizontal oscillator and is directly
related to the incoming video signal (independent of the flyback pulse). This blanking is activated with the HBL bit
(see Fig. 42).
56. This parameter is valid only when the CCC loop is active.
57. Signal-to-noise ratio (S/N) is specified as peak-to-peak signal with respect to RMS noise (bandwidth 5 MHz).
58. This is a current input. The timing of the measuring pulses and the vertical blanking for the 50/60 Hz standard are
given in Fig.40
The start-up procedure is as follows.
When the TV receiver is switched-on the RGB outputs are blanked and the black-current loop will try to adjust the
picture tube to the right bias levels. The RGB drive signals are switched-on as soon as the black current loop is
stabilised. This results in the shortest switch-on time.
When this switch-on system results in a visible disturbance of the picture it is possible to add a further switch-on delay
via a software routine. In that case the RGB outputs must be blanked by means of the RBL bit. As soon as the black
current loop is stabilised the BCF-bit is set to 0 (output byte 01). This information can then be used to switch-on the
RGB outputs with some additional delay.
59. The vertical guard function has been combined with the black current measuring input. For a reliable operation of the
protection system and to avoid that the black current stabilization system is disturbed the end of the protection pulse
during normal operation should not overlap the measuring pulses (see also Fig.40). Therefore this pulse must end
before line 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com