Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM8373 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 35Page - NXP Semiconductors OM8373 Datasheet HTML 36Page - NXP Semiconductors OM8373 Datasheet HTML 37Page - NXP Semiconductors OM8373 Datasheet HTML 38Page - NXP Semiconductors OM8373 Datasheet HTML 39Page - NXP Semiconductors OM8373 Datasheet HTML 40Page - NXP Semiconductors OM8373 Datasheet HTML 41Page - NXP Semiconductors OM8373 Datasheet HTML 42Page - NXP Semiconductors OM8373 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
2004 Jan 15
39
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
Re-definable Characters
A number of Dynamically Re-definable Characters (DRC)
are available. These are mapped onto the normal
character codes, and replace the pre-defined OTP
character Rom value.
There are 16 DRCs which occupy character codes 80H to
8FH. Alternatively, These locations can be utilized as 8
special graphics characters. The remapping of the
standard OSD to the DRCs is activated when the
TXT20.DRCS ENABLE bit is set. The selection of Normal
or Special OSD symbols is defined by the TXT20.OSD
PLANES.
Each character is stored in a matrix of 16x18x1 (V x H x
planes), this allows for all possible character matrices to be
defined within a single location.
Character code columns (Bits 4-7)
0123456789
A
B
C
D
E
F
0
®
SP
0
@
P
ú
p
1˚
!
1
A
Q
a
q
2
1/2
"
2
B
R
b
r
3
¿#3
C
S
c
s
4™
$
4
D
T
d
t
5
¢%5
E
U
e
u
6£
&
6
F
V
f
v
7´
7
G
W
g
w
8à
(
8
H
X
h
x
9_
)
9
I
Y
i
y
Aè
á
:
J
Z
j
z
Bâ
+
;
K
[
k
ç
Cê
,
<
L
é
l
Dî
-
=
M
]
m
Ñ
Eô
.
>
N
í
n
ñ
F
û
/
?Oó
o
n
Table 18 Closed Caption Character Table
Special Characters are in column 8.
Additional table locations for normal characters
Table locations for normal characters
CHAR 1
CHAR 2
CHAR 14
CHAR 15
CHAR 0
A
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
CHAR 0
Address
16 bits
Micro Address
8800
8823
8824
8847
8848
886B
8A3F
8A1C
8A1B
89F8
Char Code
80h
81h
82h
8Eh
8Fh
10
11
Fig.19 Organisation of DRC RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com