Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM8373 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # OM8373
Description  TV signal processor- Closed Caption decoder with embedded m-Controller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM8373 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button OM8373 Datasheet HTML 9Page - NXP Semiconductors OM8373 Datasheet HTML 10Page - NXP Semiconductors OM8373 Datasheet HTML 11Page - NXP Semiconductors OM8373 Datasheet HTML 12Page - NXP Semiconductors OM8373 Datasheet HTML 13Page - NXP Semiconductors OM8373 Datasheet HTML 14Page - NXP Semiconductors OM8373 Datasheet HTML 15Page - NXP Semiconductors OM8373 Datasheet HTML 16Page - NXP Semiconductors OM8373 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
2004 Jan 15
13
Philips Semiconductors
Tentative Device Specification
TV signal processor-Closed Caption
decoder with embedded
µ-Controller
OM8373; OM8378
ECC
Enable Closed Caption Interrupt.
ET1
Enable Timer 1 Interrupt.
EX1
Enable External Interrupt 1.
ET0
Enable Timer 0 Interrupt.
EX0
Enable External Interrupt 0.
IEN1
-------
ET2
00H
ET2
Enable Timer 2 Interrupt.
IP
-
PBUSY
PES2
PCC
PT1
PX1
PT0
PX0
00H
PBUSY
Priority EBUSY Interrupt.
PES2
Priority ES2 Interrupt.
PCC
Priority ECC Interrupt.
PT1
Priority Timer 1 Interrupt.
PX1
Priority External Interrupt 1.
PT0
Priority Timer 0 Interrupt.
PX0
Priority External Interrupt 0.
IP1
-------
PT2
00H
PT2
Priority Timer 2 Interrupt.
P0
Reserved
P0<6>
P0<5>
Reserved
Reserved
Reserved
Reserved
Reserved
60H
P0<6:5>
Port 0 I/O register connected to external pins.
P1
P1<7>
P1<6>
Reserved
Reserved
P1<3>
P1<2>
P1<1>
P1<0>
CFH
P1<7:6>
Port 1 I/O register connected to external pins.
P1<3:0>
Port 1 I/O register connected to external pins.
P2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
P2<0>
3FH
P2<0>
Port 2 I/O register connected to external pins.
P3
Reserved
Reserved
Reserved
Reserved
P3<3>
P3<2>
P3<1>
P3<0>
0FH
P3<3:0>
Port 3 I/O register connected to external pins.
P0CFGA
Reserved
P0CFGA<6>
P0CFGA<5>
Reserved
Reserved
Reserved
Reserved
Reserved
FFH
P0CFGB
Reserved
P0CFGB<6>
P0CFGB<5>
Reserved
Reserved
Reserved
Reserved
Reserved
00H
P0CFGB<x>/P0CFGA<x> = 00
MODE 0 Open Drain.
P0CFGB<x>/P0CFGA<x> = 01
MODE 1 Quasi Bi-Directional.
P0CFGB<x>/P0CFGA<x> = 10
MODE2 High Impedance.
P0CFGB<x>/P0CFGA<x> = 11
MODE3 Push Pull.
P1CFGA
P1CFGA<7>
P1CFGA<6>
Reserved
Reserved
P1CFGA<3>
P1CFGA<2>
P1CFGA<1>
P1CFGA<0>
FFH
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 2
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com