Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G6NAFR-RDC Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # H5AN4G6NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G6NAFR-RDC Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button H5AN4G6NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 13Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 14Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 15Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Rev. 1.3 / Mar.2016
20
Absolute Maximum Ratings
Absolute Maximum DC Ratings
NOTE :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indi-
cated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300 mV of each other at all times;and VREFCA must be not greater than 0.6 x
VDDQ, When VDD and VDDQ are less than 500 mV; VREFCA may be equal to or less than 300 mV
4. VPP must be equal or greater than VDD/VDDQ at all times
5. Overshoot area above 1.5V is specified in DDR4 Device Operation.
DRAM Component Operating Temperature Range
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
NOTE
VDD
Voltage on VDD pin relative to Vss
-0.3 ~ 1.5
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.3 ~ 1.5
V
1,3
VPP
Voltage on VPP pin relative to Vss
-0.3 ~ 3.0
V
4
VIN, VOUT
Voltage on any pin except VREFCA relative to Vss
-0.3 ~ 1.5
V
1,3,5
TSTG
Storage Temperature
-55 to +100
°C
1,2
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
o
C
1,2
Extended Temperature Range
85 to 95
o
C1,3
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measure-
ment conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs. It is
also possible to specify a component with 1X refresh (tREFI to 7.8µs) in the Extended Temperature Range.
Please refer to the DIMM SPD for option availability
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use
the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b)
or enable the optional Auto Self-Refresh mode (MR2 A6 = 1b and MR2 A7 = 0b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com