Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G6NAFR-RDC Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # H5AN4G6NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G6NAFR-RDC Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button H5AN4G6NAFR-RDC Datasheet HTML 37Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 38Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 39Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 40Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 41Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 42Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 43Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 44Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 45Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Rev. 1.3 / Mar.2016
47
DDR4-2400 Speed Bins and Operations
Speed Bin
DDR4-2400T
Unit
NOTE
CL-nRCD-nRP
17-17-17
Parameter
Symbol
min
max
Internal read command to first data
tAA
14.16
(13.75)5,11
18.00
ns
11
Internal read command to first data
with read DBI enabled
tAA_DBI
tAA(min)+3nCK
tAA(max)+3nCK
ns
11
ACT to internal read or write delay
time
tRCD
14.16
(13.75)5,11
-
ns
11
PRE command period
tRP
14.16
(13.75)5,11
-
ns
11
ACT to PRE command period
tRAS
32
9 x tREFI
ns
11
ACT to ACT or REF command period
tRC
46.16
(45.75)5,11
-
ns
11
Normal
Read DBI
CWL = 9
CL = 9
CL = 11
tCK(AVG)
Reserved
ns
1,2,3,4,10
CL = 10
CL = 12
tCK(AVG)
1.5
1.6
ns
1,2,3,4,10
CWL = 9,11
CL = 10
CL = 12
tCK(AVG)
Reserved
ns
4
CL = 11
CL = 13
tCK(AVG)
1.25
<1.5
ns
1,2,3,4,8
CL = 12
CL = 14
tCK(AVG)
1.25
<1.5
ns
1,2,3,8
CWL = 10,12
CL = 12
CL = 14
tCK(AVG)
Reserved
ns
4
CL = 13
CL = 15
tCK(AVG)
1.071
<1.25
ns
1,2,3,4,8
CL = 14
CL = 16
tCK(AVG)
1.071
<1.25
ns
1,2,3,8
CWL = 11,14
CL = 14
CL = 17
tCK(AVG)
Reserved
ns
4
CL = 15
CL = 18
tCK(AVG)
0.937
<1.071
ns
1,2,3,4,8
CL = 16
CL = 19
tCK(AVG)
0.937
<1.071
ns
1,2,3,8
CWL = 12,16
CL = 15
CL = 18
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 16
CL = 19
tCK(AVG)
Reserved
ns
1,2,3,4
CL = 17
CL = 20
tCK(AVG)
0.833
<0.937
ns
CL = 18
CL = 21
tCK(AVG)
0.833
<0.937
ns
1,2,3
Supported CL Settings
10,11,12,13,14,15,16,17,18
nCK
12
Supported CL Settings with read DBI
12,14,16,18,19,20,21
nCK
Supported CWL Settings
9,10,11,12,14,16
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com