Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G6NAFR-RDC Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # H5AN4G6NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G6NAFR-RDC Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button H5AN4G6NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 17Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 18Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 19Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 20Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 21Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 22Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 23Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Rev. 1.3 / Mar.2016
56
IDD6R
Self-Refresh Current: Reduced Temperature Range
TCASE: 0 - TBD (~35-45)°C; Low Power Array Self Refresh (LP ASR) : Reduced4; CKE: Low;
External clock: Off; CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command,
Address, Bank Group Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity:
Extended Temperature Self-Refresh operation; Output Buffer and RTT: Enabled in Mode Registers2;
ODT Signal: MID-LEVEL
IPP6R
Self Refresh IPP Current: Reduced Temperature Range
Same condition with IDD6R
IDD6A
Auto Self-Refresh Current
TCASE: 0 - 95°C; Low Power Array Self Refresh (LP ASR) : Auto4; CKE: Low; External clock: Off;
CK_t and CK_c#: LOW; CL: see Table 1; BL: 81; AL: 0; CS_n#, Command, Address, Bank Group
Address, Bank Address, Data IO: High; DM_n:stable at 1; Bank Activity: Auto Self-Refresh
operation; Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal: MID-LEVEL
IPP6A
Auto Self-Refresh IPP Current
Same condition with IDD6A
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, nRRD, nFAW, CL: see Table 1; BL: 81; AL:
CL-1; CS_n: High between ACT and RDA; Command, Address, Bank Group Address, Bank Address
Inputs: partially toggling according to Table 10; Data IO: read data bursts with different data between
one burst and the next one according to Table 10; DM_n: stable at 1; Bank Activity: two times
interleaved cycling through banks (0, 1, ...7) with different addressing, see Table 10; Output Buffer and
RTT: Enabled in Mode Registers2; ODT Signal: stable at 0; Pattern Details: see Table 10
IPP7
Operating Bank Interleave Read IPP Current
Same condition with IDD7
IDD8
Maximum Power Down Current
TBD
IPP8
Maximum Power Down IPP Current
Same condition with IDD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com