Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G6NAFR-RDC Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # H5AN4G6NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G6NAFR-RDC Datasheet(HTML) 2 Page - Hynix Semiconductor

  H5AN4G6NAFR-RDC Datasheet HTML 1Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 2Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 3Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 4Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 5Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Rev. 1.3 / Mar.2016
2
Revision History
Revision No.
History
Draft Date
Remark
0.1
Initial Release
Dec. 2014
1.0
IDD Specification update
Feb. 2015
1.1
Updated IDD specification (x16)
Nov.2015
1.2
Updated JEDEC Specification
Changed Ordering Frequency
Changed Speed Bin : 2666Mbps CL19(VK)
Dec.2015
1.3
Updated 2133Mbps (tCK(min) : 0.938ns->0.937ns)
Updated JEDEC Specification
Mar.2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com