Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G6NAFR-RDC Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # H5AN4G6NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G6NAFR-RDC Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button H5AN4G6NAFR-RDC Datasheet HTML 29Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 30Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 31Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 32Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 33Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 34Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 35Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 36Page - Hynix Semiconductor H5AN4G6NAFR-RDC Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Rev. 1.3 / Mar.2016
31
Input/Output Capacitance
NOTE :
1. This parameter is not subject to production test. It is verified by design and characterization. The silicon only capacitance is vali-
dated by de-embedding the package L & C parasitic. The capacitance is measured with VDD, VDDQ, VSS, VSSQ applied with all
other signal pins floating. Measurement procedure tbd.
2. DQ, DM_n, DQS_T, DQS_C, TDQS_T, TDQS_C. Although the DM, TDQS_T and TDQS_C pins have different functions, the loading
matches DQ and DQS
3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
4. Absolute value CK_T-CK_C
5. Absolute value of CIO(DQS_T)-CIO(DQS_C)
6. CI applies to ODT, CS_n, CKE, A0-A17, BA0-BA1, BG0-BG1, RAS_n/A16, CAS_n/A15, WE_n/A14, ACT_n and PAR.
7. CDI CTRL applies to ODT, CS_n and CKE
8. CDI_CTRL = CI(CTRL)-0.5*(CI(CLK_T)+CI(CLK_C))
9. CDI_ADD_ CMD applies to, A0-A17, BA0-BA1, BG0-BG1,RAS_n/A16, CAS_n/A15, WE_n/A14, ACT_n and PAR.
10. CDI_ADD_CMD = CI(ADD_CMD)-0.5*(CI(CLK_T)+CI(CLK_C))
11. CDIO = CIO(DQ,DM)-0.5*(CIO(DQS_T)+CIO(DQS_C))
12. Maximum external load capacitance on ZQ pin: tbd pF.
13. TEN pis may be DRAM internally pulled low through a weak pull-down resistor to VSS. In this case CTEN might not be valid and
system shall verify TEN signal with Vendor specific information.
Silicon pad I/O Capacitance
Symbol
Parameter
DDR4-
1600,1866,2133
DDR4-2400,2666
Unit NOTE
min
max
min
max
CIO
Input/output capacitance
0.55
1.4
0.55
1.15
pF
1,2,3
CDIO
Input/output capacitance delta
-0.1
0.1
-0.1
0.1
pF 1,2,3,11
CDDQS
Input/output capacitance delta
DQS_t and DQS_c
0.05
0.05
pF
1,2,3,5
CCK
Input capacitance, CK_t and
CK_c
0.2
0.8
0.2
0.7
pF
1,3
CDCK
Input capacitance delta CK_t and
CK_c
0.05
0.05
pF
1,3,4
CI
Input capacitance
(CTRL, ADD, CMD pins only)
0.2
0.8
0.2
0.7
pF
1,3,6
CDI_ CTRL
Input capacitance delta
(All CTRL pins only)
-0.1
0.1
-0.1
0.1
pF
1,3,7,8
CDI_ ADD_CMD
Input capacitance delta
(All ADD/CMD pins only)
-0.1
0.1
-0.1
0.1
pF 1,2,9,10
CALERT
Input/output capacitance of
ALERT
0.5
1.5
0.5
1.5
pF
1,3
CZQ
Input/output capacitance of ZQ
0.5
2.3
0.5
2.3
pF
1,3,12
CTEN
Input capacitance of TEN
0.2
2.3
0.2
2.3
pF
1,3,13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com