Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 14Page - STMicroelectronics STM32L4 Datasheet HTML 15Page - STMicroelectronics STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Flash Memory Organization 17
DBANK
Mode
Dual Bank
(STM32L4 Series Compatible)
Single Bank
Flash area
Flash memory addresses
Size
(bytes)
Page#
Flash memory addresses
Size (bytes)
Page#
Bank 1
0x0800 0000 – 0x0800 0FFF
4 K
Page 0
0x0800 0000 – 0x0800 1FFF
8 K
Page 0
0x0800 1000 – 0x0800 1FFF
4 K
Page 1
0x0800 2000 – 0x0800 3FFF
8 K
Page 1
-
-
-
-
0x080F F000 – 0x080F FFFF
4 K
Page 255
Bank 2
0x0810 000 – 0x0810 0FFF
4 K
Page 0
0x0810 1000 – 0x010 1FFF
4 K
Page 1
-
-
-
0x081F E000 – 0x081F FFFF
8 K
Page 255
0x081F F000 – 0x081F FFFF
4 K
Page 255
This slide presents the flash memory organization in single
bank and in dual bank mode.
In dual bank mode, the main memory is divided into two 1-
Mbyte banks, and each bank is split in 256 pages of 4
Kbytes.
In single bank mode, the main memory is a single 2-Mbyte
bank split in 256 pages of 8 Kbytes.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com