Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 23Page - STMicroelectronics STM32L4 Datasheet HTML 24Page - STMicroelectronics STM32L4 Datasheet HTML 25Page - STMicroelectronics STM32L4 Datasheet HTML 26Page - STMicroelectronics STM32L4 Datasheet HTML 27Page - STMicroelectronics STM32L4 Datasheet HTML 28Page - STMicroelectronics STM32L4 Datasheet HTML 29Page - STMicroelectronics STM32L4 Datasheet HTML 30Page - STMicroelectronics STM32L4 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
STM32L476/486 Versus STM32L4+ Series 26
STM32L4Rxxx/4Sxxx
STM32L4P5xx/4Q5xx
STM32L476/486
Power supply
1.71 ~ 3.6V with VBAT
1.71 ~ 3.6V with VBAT
Maximum Frequency
120MHz
80MHz
Flash
Up to 2MB
Up to 1MB
1MB
Dual Bank (RWW)
or Single Bank
Dual Bank ( RWW)
System
SRAM1: 192KB
SRAM1: 128KB
SRAM1: 96KB
SRAM2: 64KB
SRAM2: 32KB
SRAM3: 384KB
SRAM3: 128KB
NA
Backup-registers 32 x32-bit
External Memory FSMC
8-,16-bit NOR, PSRAM, SRAM , FRAM and NAND memories
• New data hold timing
• New NBL setup timing
• Clock divider =1
8-,16-bit NOR, PSRAM, SRAM and NAND
memories
External Memory
QuadSPI/OctoSPI
2x OctoSPI: Octal flash memories
2x OctoSPI: Octal flash + Octal
PSRAM + HyperRAM memories
Multiplexed mode
1x QuadSPI in single Flash mode
RCC
New clock source HSI48 for USB,RNG and SDMMC
New PLLx divider,
RTC APB clock gating
NA
This table summarizes the key differences for system
peripherals between the STM32L4+ series and
STM32L476/786 devices.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com