Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics STM32L4 Datasheet HTML 23Page - STMicroelectronics STM32L4 Datasheet HTML 24Page - STMicroelectronics STM32L4 Datasheet HTML 25Page - STMicroelectronics STM32L4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Power Supply
DSI power supply for STM32L4R9xx/S9xx
• DSI (Display Serial Interface) power supply pins
• VDDDSI an independent DSI power supply dedicated to
the DSI regulator and MIPI DPHY
It must be connected to VDD
VCAPDSI the DSI regulator (1.2V) output
It must be connected to VDD12DSI.
• VDD12DSI used to supply the MIPI D-PHY, clock and
data lanes
A 2.2 µF must be connected to VDD12DSI
• VSSDSI is an isolated ground supply used for DSI sub-
system
• If DSI is not used:
• VDDDSI must be connected to VDD
• VCAPDSI and VDD12DSI can be left floating
• VSSDSI must be grounded
21
VDDIO2
VDDA
VDDA domain
Core
SRAMs
Digital
peripherals
VDDIO2 domain
LSE crystal 32K osc
BKP registers
RCC BDCR registers
RTC
Backup domain
VSSA
VSS
I/O ring
PG[15:2]
VDDIO2
VSS
DSI
Voltage regulator
VDDDSI
VCAPDSI
DSI PHY
VDD12DSI
VDDUSB
VCORE domain
VDD domain
I/O ring
VDDIO1
Reset block
Temp. sensor
3 x PLL, HIS, MSI
Standby circuitry
(Wakeup logic, IWDG)
Voltage regulator
Flash memory
VCORE
VDD
VSS
VBAT
Low voltage detector
USB transceivers
A/D converter
D/A converter
Comparators
OPAMP
Voltage reference
buffer
The STM32L4R9xx/S9xx devices feature the DSI (Display
Serial Interface) sub-system and it uses several power
supply pins which are independent from the other supply
pins: VDDDSI, VCAPDSI and VDD12DSI.
If DSI peripheral is not used, the VDDDSI must be
connected to VDD while VCAPDSI and VDD12DSI can be
left floating.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com