Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 16Page - STMicroelectronics STM32L4 Datasheet HTML 17Page - STMicroelectronics STM32L4 Datasheet HTML 18Page - STMicroelectronics STM32L4 Datasheet HTML 19Page - STMicroelectronics STM32L4 Datasheet HTML 20Page - STMicroelectronics STM32L4 Datasheet HTML 21Page - STMicroelectronics STM32L4 Datasheet HTML 22Page - STMicroelectronics STM32L4 Datasheet HTML 23Page - STMicroelectronics STM32L4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Flash Memory Wait States 19
STM32L4+ Series
CPU
performance
Power
performance
VCORE range
Typical value
(V)
Max frequency (MHz)
0WS
1WS
2WS
3WS
4WS
5WS
High
Low
Range1: boost mode
1.28
20
40
60
80
100
120
Range1: normal mode
1.2
NA
NA
Medium
High
Range 2
1.0
8
16
26
-
-
-
STM32L476xx/486xx
CPU performance
Power performance
VCORE range
Typical value
(V)
Max frequency (MHz)
0WS
1WS
2WS
3WS
4WS
5WS
High
Low
Range1
1.2
16
32
48
64
80
-
Medium
High
Range 2
1.0
6
12
18
26
-
In order to read the Flash memory, it is necessary to
configure the number of wait states to be inserted in a read
access, depending on the clock frequency. The number of
wait states also depends on the voltage scaling range.
The two tables present the differences in wait states
between STM32L4+ Series devices and
STM32L476xx/486xx devices.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com