Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32L4
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32L4 Datasheet HTML 24Page - STMicroelectronics STM32L4 Datasheet HTML 25Page - STMicroelectronics STM32L4 Datasheet HTML 26Page - STMicroelectronics STM32L4 Datasheet HTML 27Page - STMicroelectronics STM32L4 Datasheet HTML 28Page - STMicroelectronics STM32L4 Datasheet HTML 29Page - STMicroelectronics STM32L4 Datasheet HTML 30Page - STMicroelectronics STM32L4 Datasheet HTML 31Page - STMicroelectronics STM32L4 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
STM32L476/486 Versus STM32L4+ Series 27
STM32L4Rxxx/4Sxxx
STM32L4P5xx/4Q5xx
STM32L476/486
SYSCFG
ANASWVDD bit: GPIO analog switch control voltage selection :
- VDDA or booster
- VDD
I2C4 Fast-mode Plus driving capability activation
NA
Peripheral Summary
PWR: New range 1 mode ( Normal mode/ Boost mode)
LP Mode: STOP2 + SRAM3 ON/OFF
PWR
Standby + 64KB SRAM2 ON/OFF
- Standby + 64KB SRAM2 ON/OFF
- Standby + 4KB SRAM2 ON/OFF
1x SDMMC
Data transfer up to 104 Mbyte/s
for the 8- bit mode.
2x SDMMC
Data transfer up to 104 Mbyte/s for
the 8- bit mode.
1x SDMMC
Data transfer up to 50 MHz for the 8- bit
mode.
DFSDM ( 8x Channels, 4x Filters)
(DFSDM audio, beamforming,
internal ADC inputs, new trigger
source)
DFSDM ( 4x Channels, 2x Filters)
(DFSDM audio, beamforming,
internal ADC inputs, new trigger
source)
DFSDM ( 8x Channels, 4x Filters)
OTG_FS with clock recovery
OTG_FS without clock recovery
This slide continues the presentation of the key differences
between STM32L476/786 devices and STM32L4+ Series
devices – again the differences are highlighted in pink.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com