Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9KB
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KB Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9KB Datasheet HTML 1Page - Omron Electronics LLC G9KB Datasheet HTML 2Page - Omron Electronics LLC G9KB Datasheet HTML 3Page - Omron Electronics LLC G9KB Datasheet HTML 4Page - Omron Electronics LLC G9KB Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
G9KB
PCB Power Relays
G
9
K
B
Dimensions
(Unit:mm)
Approval Standard
UL/C-UL Certificated:
(File No. E41515)
*
Holding voltage of 45% (after applying rated voltage to coil for 0.1 seconds)
EN/IEC, TÜV Certificated:
(Certificate No. R 50528195)
*
Holding voltage of 45% (after applying rated voltage to coil for 0.1 seconds)
CQC Certificated:
(Certificate No. CQC21002322255)
*
Holding voltage of 45% (after applying rated voltage to coil for 0.1 seconds)
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KB-1A
SPST-NO(1a)
12, 24 VDC *
600 VDC 40 A (Resistive) 85°C
6,000
600 VDC 50 A (Resistive) 85°C
2,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KB-1A
SPST-NO(1a)
12, 24 VDC *
600 VDC 1 A (Resistive) 85°C
100,000
600 VDC 50 A (Resistive) 85°C
2,000
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KB-1A
SPST-NO(1a)
12, 24 VDC *
600 VDC 1 A (Resistive) 85°C
100,000
600 VDC 50 A (Resistive) 85°C
2,000
Please visit our website, which is noted on the last page.
CAD Data
4
22
PCB Mounting Holes
Terminal Arrangement/
Internal Connections
(No coil polarity)
*Average value
37.0 MAX.
(36.7) *
0.8
2.7
2.5
50.5 MAX.
(50) *
50.5 MAX.
(50) *
40
25.9
4-3.8×3.1
16-R0.5 MIN.
2-1.5×3.2
8-R0.5 MIN.
Tolerance ±0.1
18.75
6.4
1.7
1.7
3
2
1
4
(BOTTOM VIEW)
(BOTTOM VIEW)
Standard type G9KB-1A
CAD Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com