Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KB Datasheet (PDF) - Omron Electronics LLC

G9KB Datasheet PDF - Omron Electronics LLC
Part # G9KB
Download  G9KB Download
File Size   225.1 Kbytes
Page   5 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relays

G9KB Datasheet (PDF)

Go To PDF Page Download Datasheet
G9KB Datasheet PDF - Omron Electronics LLC

Part # G9KB
Download  G9KB Click to download

File Size   225.1 Kbytes
Page   5 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relays

G9KB Datasheet (HTML) - Omron Electronics LLC


G9KB Product details

600 VDC, 50 A High Capacity
Power Relay with Bidirectional
Switching
• A high capacity of 600 VDC, 50 A and bidirectional opening
and closing is achieved
• Ambient temperature 85°C
• Contact gap: 3.6 mm or more
• Low initial contact resistance ≤5 mΩ
• UL 60947-4-1 and EN 61810-10-certified (required for ESS switching devices)




Similar Part No. - G9KB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA OMRON-G9KA Datasheet
1Mb / 7P
High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance
G9KA-1A OMRON-G9KA-1A Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC12 OMRON-G9KA-1ADC12 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC24 OMRON-G9KA-1ADC24 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
More results


Similar Description - G9KB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
PCB Power Relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
PCB Power Relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
V23201 MACOM-V23201 Datasheet
420Kb / 5P
Power Relay PK2 (THT ??THR) Single Relays PCB Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
PCB Power Relays
0219/0718
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com