Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KB Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9KB
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KB Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9KB Datasheet HTML 1Page - Omron Electronics LLC G9KB Datasheet HTML 2Page - Omron Electronics LLC G9KB Datasheet HTML 3Page - Omron Electronics LLC G9KB Datasheet HTML 4Page - Omron Electronics LLC G9KB Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G9KB
PCB Power Relays
G
9
K
B
Precautions
 Please refer to “Safety Precautions for All Relays” for correct use.
 Electrical Appliances and Materials Safety Act
The G9KB-1A series does not comply with the Electrical Appliances and Materials Safety Act. Please select our relays carefully in
accordance with the application you wish to use the product for.
As this relay is a high-voltage and high-current type,
there is a risk of abnormal heat generation, smoke
generation or fire if you use the relay with a contact
voltage, current, or for a number of times beyond the
specified range. Use only within the specified ranges.
If the power is switched on when the connections
are insufficient, there is a risk of abnormal heat
generation. Do not connect and use probes and
sockets on individual relays.
If the power is switched on when the connections
are insufficient, there is a risk of abnormal heat
generation. Please install and use relays under
recommended conditions.
Drop
• Do not use relays that have been dropped as they may not
function properly.
Mounting Direction
• The relay is limited for mounting direction due to the
specification of operation voltage and electrical durability.
Do not use in any other direction except as indicated in below
chart. There is a risk of reduced operational lifetime for failure
to observe this warning.
 Coil Voltage Reduction (Holding Voltage) after Relay
Operation
• Use this relay with coil voltage reduction.
• Apply the rated voltage for 0.1 to 3 seconds to the coil first.
• The range of coil rated voltage must be set as 100 to 110%,
and holding voltage must be 45 to 60%. Do not exceed the
ranges due to the change of coil voltage difference and so on.
*
The coil resistances were measured at a coil temperature of 23°C with
tolerances of ± 10%.
Diode Connection for Operating Coil
• Connect diode and Zener diode (or Varistor) to the coil (refer to
the picture below).
Diode is for coil surge absorption. Ensure to include Zener
diode as there is a possibility of any influence for switching
capability when only using diodes.
• Coil has no polarity. Connect the diodes in the reverse polarity
of the voltage applied to the coil.
• The recommended Zener diode voltage is 3 times that of the
rated coil voltage.
• Use diodes with reverse dielectric strength 10 times or more
that of coil rated voltage, and with forward current more than
coil rated current.
PCB Terminal soldering
• Solder at 290°C for 20 seconds (max.) in soldering bath.
• It is not possible to wash relay as this is not fully sealed type.
Assembly
• Assemble relays in an environment with less amount of dust
and harmful gases.
• Using the Relay under high temperature, high humidity, or
harmful gas may deteriorate its performance characteristics
due to condensation or corrosive materials, resulting in failure
or burn damage to the relay.
• This product weight is about 110 g. Be careful of the strength
of PCB. To reduce soldering crack due to heat stress, use both
sides through hole PCB.
Warning
Precautions for Safe Use
Precautions for Correct Use
Contact terminal
Upper side
Coil terminal
Applied coil
voltage
Coil
resistance *
Coil power consumption
Rated voltage
100 to 110%
51
Ω (12 VDC)
206
Ω (24 VDC)
Approx. 2.8 to 3.4 mW
Holding voltage
45 to 60%
Approx. 0.57 to 1.1 mW
100 to 110%
(Rated voltage)
0.1 to 3 seconds
45 to 60%
(Holding voltage)
Relay coil
Diode
Zenner diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com