Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KB Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9KB
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KB Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9KB Datasheet HTML 1Page - Omron Electronics LLC G9KB Datasheet HTML 2Page - Omron Electronics LLC G9KB Datasheet HTML 3Page - Omron Electronics LLC G9KB Datasheet HTML 4Page - Omron Electronics LLC G9KB Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
G
9
K
B
G9KB
PCB Power Relays
600 VDC, 50 A High Capacity
Power Relay with Bidirectional
Switching
• A high capacity of 600 VDC, 50 A and bidirectional opening
and closing is achieved
• Ambient temperature 85°C
• Contact gap: 3.6 mm or more
• Low initial contact resistance
≤5 m
Ω
• UL 60947-4-1 and EN 61810-10-certified (required for ESS switching devices)
Ordering Information
Note. When ordering, add the rated coil voltage to the model number.
Both the coil voltage on the product and the packing will be marked as
VDC.
Ratings
 Coil
Note 1. The rated current and resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
Note 2. The operating characteristics are measured at a coil temperature of 23°C.
Note 3. The maximum permissible voltage is the maximum value of the fluctuation range for the relay coil operating power supply and was measured at an ambient
temperature of 23°C.
Note 4. Use this relay with coil voltage reduction.
*
Power consumption with Holding Voltage is approx. 575 mW (when applying Holding Voltage at 45%). Please confirm the details on page 4, under
Coil Voltage
Reduction (Holding Voltage) after Relay Operation.
** Some mounting directions are not guaranteed. Please confirm the details on page 4
Mounting Direction.
 Contacts
RoHS Compliant
Refer to the Precautions on page 4.
Terminal shape
Contact form
Enclosure rating
Model
Rated coil voltage (V)
Minimum packing unit
Standard
SPST-NO (1a)
Flux protection
G9KB-1A
12 VDC
24 VDC
36 pcs/box
Rated voltage
Rated current
(mA)
Coil resistance
(
Ω)
Must operate voltage
(V)
Must release voltage
(V)
Max. voltage
(V)
Power consumption
(mW)
% of rated voltage
12 VDC
Approx. 235.3
51
75% max. **
10 to 32%
110%
(at 23°C)
Approx. 2,800
Approx. 575 *
24 VDC
Approx. 116.5
206
Item
Resistive load
Contact type
Double break
Contact material
Ag Alloy (Cd free)
Rated load
600 VDC, 50 A/600 VDC, 1 A
Rated carry current
50 A
Max. switching voltage
600 VDC
Max. switching current
50 A
Application Examples
• Energy Storage System
• V2X (V2H, V2B, etc.)
• DC household appliances
Model Number Legend
1. Number of Poles
1: 1-pole
2. Contact Form
A: SPST-NO (1a)
G9KB-
12
Rated coil voltage
Example: G9KB-1A DC12


Similar Part No. - G9KB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA OMRON-G9KA Datasheet
1Mb / 7P
High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance
G9KA-1A OMRON-G9KA-1A Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC12 OMRON-G9KA-1ADC12 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC24 OMRON-G9KA-1ADC24 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
More results

Similar Description - G9KB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
PCB Power Relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
PCB Power Relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
V23201 MACOM-V23201 Datasheet
420Kb / 5P
Power Relay PK2 (THT ??THR) Single Relays PCB Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
PCB Power Relays
0219/0718
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com