Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9KB
Description  PCB Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KB Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9KB Datasheet HTML 1Page - Omron Electronics LLC G9KB Datasheet HTML 2Page - Omron Electronics LLC G9KB Datasheet HTML 3Page - Omron Electronics LLC G9KB Datasheet HTML 4Page - Omron Electronics LLC G9KB Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
G9KB
PCB Power Relays
G
9
K
B
Relay Service Life
• These relays must be used for high DC voltages. The final
failure mode is failure to break the circuit. In a worst-case
scenario, burning may extend to surrounding components. Do
not use these relays outside of the specified ratings and
service life, or for any application other than high DC voltages.
Implement safety circuits and other safety measures to
minimize the risk in case of the unlikely event of a failure.
• In a low-humidity or low-temperature (negative) environment,
the life cycle may vary as a result of high voltage and large-
current opening and closing. Therefore, be sure to check on
the actual machine.
• The coil drive circuit, ambient environment, switching
frequency, or load conditions (e.g., inductive load or capacitor
load) may reduce the service life and possibly lead to failure to
break. Always confirm the service life in the actual equipment.
Micro load
• This is a power relay for high power switching. Do not use for
micro loads such as signal switching.
Installation Gap
• Secure an installation gap of 20 mm or more for the product.
Please check each region's Terms & Conditions by region website.
OMRON Corporation
Electronic and Mechanical Components Company
Regional Contact
Cat. No. K340-E1-01
0222
Americas
Europe
https://components.omron.com/us-en/
https://components.omron.com/eu-en/
Asia-Pacific
China
https://components.omron.com/sg-en/
https://components.omron.com.cn/
Korea
Japan
https://components.omron.com/kr-en/
https://components.omron.com/jp-ja/
In the interest of product improvement, specifications are subject to change without notice.
© OMRON Corporation 2022 All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com