Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS160T Datasheet(PDF) 26 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 26 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 22Page - Microchip Technology MPFS160T Datasheet HTML 23Page - Microchip Technology MPFS160T Datasheet HTML 24Page - Microchip Technology MPFS160T Datasheet HTML 25Page - Microchip Technology MPFS160T Datasheet HTML 26Page - Microchip Technology MPFS160T Datasheet HTML 27Page - Microchip Technology MPFS160T Datasheet HTML 28Page - Microchip Technology MPFS160T Datasheet HTML 29Page - Microchip Technology MPFS160T Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Figure 4-1. PLL Block Diagram
FPGA Feedback Clock
Reference Clock0
FOUT0
FOUT1
FOUT2
FOUT3
FOUT[0:3]
Phase Select
Charge
Pump
LOCK
Internal Feedback
Path
Reference Clock1
Lock
Detect
PFD
÷
1-63
÷
1-4095
÷
1-127
÷
1-127
÷
1-127
÷
1-127
VCO
FPGA Feedback Clock
Reference Clock0
FOUT0
FOUT1
FOUT2
FOUT3
FOUT[0:3]
Phase Select
Charge
Pump
LOCK
Internal Feedback
Path
Reference Clock1
Lock
Detect
PFD
÷
1-63
÷
1-4095
÷
1-127
÷
1-127
÷
1-127
÷
1-127
VCO
4.1.3
Clock Network
The clock network is designed to route clocks and asynchronous reset signals to large sections of the fabric with
limited skew. On occasion, the network can also be used for other high fanout signals that can tolerate long delays,
such as non-timing-critical synchronous enables or resets. There are two main clock networks for the FPGA fabric,
global, and regional clocks.
4.1.3.1
Global Clocks
There are 24 clocks on the device with global, low-skew scope to all synchronous elements. The global can be
divided into left and right sides of the device. Thus, the number of global clocks can increase to 48 total clocks with
24 in the left and 24 in the right.
4.1.3.2
Regional Clocks
There are up to 38 regional clock domains that interface to the edges of the device. The regional clocks provide a
fixed number of logic elements based on the size of the device. Up to 14 clocks are available for the FPGA I/Os and
up to 24 clocks are available for the transceiver lanes, one for each lane direction. These are the fast insertion clock
networks used to move data in and out of the fabric.
4.2
Debug Probe System
Two specified user I/Os can be configured (at design capture stage) as either two, single-ended live probes or
one, differential live probe. These live probes can provide read access to any register in the FPGA fabric, to the
output pipeline registers in the LSRAMs, and to all the registers in the math block in real time without having to
re-instrument the code. A snapshot of all internal probe points can be created and read-out asynchronously. The
live-probe feature can be considered a two-channel oscilloscope, whose two channels can be routed out to I/Os for
external observation and to internal ports for fabric design observation. Selecting different probe points within the
PolarFire SoC FPGA occurs dynamically through commands over the JTAG port using SmartDebug. Reprogramming
of the FPGA is not required.
The features of the debug probe system are:
• Active probe allows dynamic asynchronous read and write to a flip-flop or a probe point. This enables quick
internal observation of the logic output or experimentation on how the logic will be affected by writing to a probe
point.
• Memory debug allows dynamic asynchronous read and write to a µSRAM or a large SRAM block to quickly
verify if the content of the memory is changing as expected.
• Probe insertion allows routing of nodes or debug points in the FPGA design externally through unused I/Os. An
oscilloscope/logic analyzer can be attached to monitor them as live signals.
4.3
I/Os
PolarFire SoC FPGA device user I/Os support multiple I/O standards while providing the high bandwidth needed to
maximize the internal logic capabilities of the device and achieve the required system-level performance.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com