Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS160T Datasheet(PDF) 45 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 45 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 41Page - Microchip Technology MPFS160T Datasheet HTML 42Page - Microchip Technology MPFS160T Datasheet HTML 43Page - Microchip Technology MPFS160T Datasheet HTML 44Page - Microchip Technology MPFS160T Datasheet HTML 45Page - Microchip Technology MPFS160T Datasheet HTML 46Page - Microchip Technology MPFS160T Datasheet HTML 47Page - Microchip Technology MPFS160T Datasheet HTML 48Page - Microchip Technology MPFS160T Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
10.
Ordering Information
PolarFire SoCs are offered with multiple speed grades, temperatures, and package combinations. All temperatures
are specified as junction temperatures. The following illustration shows the ordering information.
Figure 10-1. Ordering Information
MPFS250T – 1 FCV G 484 I
Device Family
MPFS250T – Design Security with Transceivers
MPFS250TL – Low Power Design Security with Transceivers
MPFS250TS – Data Security, Design Security with Transceivers
MPFS250TLS – Low Power Data Security, Design Security with Transceivers
Device Speed Grade
Blank = STD speed grade
-1 - 15% faster
Device Package Type
FCS – Flip Chip, 0.5 mm Pitch
FCV – Flip Chip, 0.8 mm Pitch
FC – Flip Chip, 1.0 mm Pitch
Pla�ng Material
G – RoHS
Package Ball Count
Temperature Grade
E – Extended Commercial (Tj = 0 ⁰C to 100 ⁰C)
I – Industrial (Tj = –40 ⁰C to 100 ⁰C)
Ordering Information
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com