Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS160T Datasheet(PDF) 17 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 13Page - Microchip Technology MPFS160T Datasheet HTML 14Page - Microchip Technology MPFS160T Datasheet HTML 15Page - Microchip Technology MPFS160T Datasheet HTML 16Page - Microchip Technology MPFS160T Datasheet HTML 17Page - Microchip Technology MPFS160T Datasheet HTML 18Page - Microchip Technology MPFS160T Datasheet HTML 19Page - Microchip Technology MPFS160T Datasheet HTML 20Page - Microchip Technology MPFS160T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
that it is a cacheable region allowing for data stored to the scratchpad to also be cached in a master’s L1 data cache
resulting in faster access.
3.4.1.1
DDR Memory Controller
The hardened, 32-bit DDR memory controller supports the following features:
• DDR4, LPDDR4, DDR3, and LPDDR3 memory support
• Dual Rank support for dual die packages
• Max rate support 1600 Mbps
• DDR memory test feature
• Reorder queue to optimize DDR performance
• Two AXI interfaces
– 128-bit from CPU L2 Cache
– 64-bit from central AXI switch
• 32 outstanding transactions per AXI interface
• An integrated Clock Domain Crossing (CDC) circuit allowing the DDR controller clock to be independent of the
CPU clock
• A dedicated PLL for DDR clock generation
It can support up to 8 GB of external DDR4 memory and 4 GB of DDR3 memory. SECDED capability is also provided
when configured to a 36-bit bus width, as listed in the following table.
Table 3-3. DDR Memory Controller
Configuration
Active Pads
Lane 0
Lane 1
Lane 2
Lane 3
Lane 41
5x8 DDR with SECDED
36
DDRx8
DDRx8
DDRx8
DDRx8
DDRx8 (4 used)
4x8 DDR
32
DDRx8
DDRx8
DDRx8
DDRx8
Not used
3x16 DDR with SECDED
36
DDRx16
DDRx16
DDRx16 (4 used)
2x16 DDR
32
DDRx16
DDRx16
Not used
3x16 DDR with SECDED
18
DDRx8
DDRx8
—
—
DDRx8 (2 used)
2x16 DDR
16
DDRx8
DDRx8
—
—
—
1x16 DDR with SECDED
18
DDRx16
—
—
DDRx16 (2 used)
1x16 DDR
16
DDRx16
—
—
—
1x32 DDR
32
DDRx32
—
Note: 
1.
Lane 4 is only 4 bits wide, the upper data bits on the DDR memory are not connected.
3.4.1.2
Processor Interconnect
There are two interconnect switches built into the MSS. First, there is a fully populated coherent switch that
manages coherence through the memory subsystems and provides a deterministic data path to the L2 memory
subsystem when it is configured as a loosely integrated memory. Additionally, a central AMBA I/O switch manages
the interconnect between the CPU complex, the peripheral I/O space, the hardened DDR memory controller, and the
FPGA fabric. The AMBA switch also includes Quality of Service (QoS) features. The QoS feature is essentially a
4-bit value denoting priority for the data path. The central I/O switch is partially connected and supports 15 masters
with nine slaves. The AMBA switch also contains a Memory Protection Unit (MPU) scheme that mimics the Physical
Memory Protection (PMP) scheme defined in the RISC-V Privileged Specification. Specifically, the bus masters listed
in the following table pass through the AMBA MPU. PMP region address granularity start at 4096 and increase by
powers of two. Regions can be defined to support execution, read or write. An additional lock bit can be set on each
register that prevents further modification to the MPU protection scheme until the next power on reset.
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com