Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS160T Datasheet(PDF) 1 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 1 Page - Microchip Technology

  MPFS160T Datasheet HTML 1Page - Microchip Technology MPFS160T Datasheet HTML 2Page - Microchip Technology MPFS160T Datasheet HTML 3Page - Microchip Technology MPFS160T Datasheet HTML 4Page - Microchip Technology MPFS160T Datasheet HTML 5Page - Microchip Technology MPFS160T Datasheet HTML 6Page - Microchip Technology MPFS160T Datasheet HTML 7Page - Microchip Technology MPFS160T Datasheet HTML 8Page - Microchip Technology MPFS160T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PolarFire® SoC Product Overview
Overview
PolarFire® SoC is built upon the award-winning PolarFire FPGA non-volatile FPGA platform. Featuring a five core
Linux capable processor subsystem based on the RISC-V ISA, PolarFire SoC brings to market an innovative, mid-
range, embedded compute platform that inherits all the benefits of the PolarFire FPGA product family. The RISC-V
CPU micro-architecture implementation is a simple, 5-stage single issue in order pipeline that does not suffer from
the Meltdown and Spectre exploits found in common out-of-order machines. All five CPU cores are coherent with the
memory subsystem allowing a versatile mix of deterministic real time systems and Linux in a single, multi-core CPU
cluster. With Secure Boot built-in, innovative Linux and Real Time modes, a large Flexible L2 memory subsystem,
and a rich set of embedded peripherals, PolarFire SoC provides designers new choices in secure, power-efficient,
embedded compute platforms. This document describes the features of PolarFire SoC extended commercial (0 °C to
100 °C Tj) and industrial (–40 °C to 100 °C Tj) device offerings.
Microprocessor Subsystem Features
• 64-bit RV64GC (RV64GC or RV64IMAFDC: RISC-V 64-bit Integer, Multiply and divide, Atomic, Floating point
single and Double precision and Compressed instruction set support) quad application processing cores, FMAX
of 667 MHz (–40 °C to 100 °C Tj), 3.125 CoreMarks/MHz, 1.714 DMIPS/MHz
– L1 memory subsystem with single-error correct, double-error detect (SECDED)
• 32 KB 8-way instruction cache or optional 28 Kbyes tightly integrated memory
• 32 KB 8-way data cache
• Memory Management Unit (MMU)
• Physical Memory Protection (PMP) unit
• 64-bit RV64IMAC (RV64IMAC: RISC-V 64-bit Integer, Multiply and divide, Atomic, and Compressed instruction
set support) monitor processor core, FMAX of 667 MHz (–40 °C to 100 °C Tj), 3.125 CoreMarks/MHz, 1.714
DMIPS/MHz
– L1 memory subsystem with SECDED
• 16 KB 2-way instruction cache
– 8 KB scratch pad memory
– PMP unit
• Flexible 2 MB L2 memory subsystem with SECDED configurable as:
– 16-way set associative L2 cache with write-back policy
– Loosely Integrated Memory (LIM) mode for deterministic access
– Coherent directly addressable Scratchpad Memory mode for shared messages across cores
• Integrated 36-bit DDR4/DDR3/LPDDR4/LPDDR3 memory controller with SECDED
– DDR4 at 1.6 Gbps with a 8 GB address reach
• Cache coherent CPU bus matrix
• AMBA I/O switch with QoS and Memory Protection Unit (MPU)
• Integrated 128 KB embedded non-volatile memory (eNVM) for boot code
• Boot options
– Microchip secure boot
– User defined, PUF-protected secure boot
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 1


Similar Part No. - MPFS160T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MPFS250T MICROCHIP-MPFS250T Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
MPFS250T-1FCSG536E MICROCHIP-MPFS250T-1FCSG536E Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
MPFS250T-1FCSG536I MICROCHIP-MPFS250T-1FCSG536I Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
MPFS250T-1FCVG484E MICROCHIP-MPFS250T-1FCVG484E Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
MPFS250T-1FCVG484I MICROCHIP-MPFS250T-1FCVG484I Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
More results

Similar Description - MPFS160T

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL831A GENESYS-GL831A Datasheet
52Kb / 5P
SATA / PATA Bridge Controller Product Overview
logo
Tyco Electronics
5-223955-2 MACOM-5-223955-2 Datasheet
7Mb / 40P
Z-PACK HM Zd Product Line Overview
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
FPGA and SoC Product Catalog
logo
Infineon Technologies A...
SLF9630 INFINEON-SLF9630 Datasheet
157Kb / 3P
Short Product Overview
V1.0 2019-06-03
logo
Intel Corporation
S2600WF INTEL-S2600WF Datasheet
8Mb / 148P
Technical Product Specification An overview of product features
logo
Broadcom Corporation.
ADNK-3533-TN24 BOARDCOM-ADNK-3533-TN24 Datasheet
132Kb / 4P
Optical Mouse Product Overview
logo
Microchip Technology
DS0147 MICROCHIP-DS0147 Datasheet
2Mb / 128P
PolarFire SoC Advanced Datasheet
December 2019
logo
Intel Corporation
1ST280EU2F50I2VGS1 INTEL-1ST280EU2F50I2VGS1 Datasheet
341Kb / 39P
Intel® Stratix® 10 TX Device Overview
2022.08.18
logo
Silicon Laboratories
SD3503 SILABS-SD3503 Datasheet
1Mb / 26P
Z-WAVE® MODEM SOC
2/2018
logo
Intel Corporation
M10 INTEL-M10 Datasheet
240Kb / 14P
Intel® MAX® 10 FPGA Device Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com