Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS160T Datasheet(PDF) 33 Page - Microchip Technology

Part # MPFS160T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS160T Datasheet(HTML) 33 Page - Microchip Technology

Back Button MPFS160T Datasheet HTML 29Page - Microchip Technology MPFS160T Datasheet HTML 30Page - Microchip Technology MPFS160T Datasheet HTML 31Page - Microchip Technology MPFS160T Datasheet HTML 32Page - Microchip Technology MPFS160T Datasheet HTML 33Page - Microchip Technology MPFS160T Datasheet HTML 34Page - Microchip Technology MPFS160T Datasheet HTML 35Page - Microchip Technology MPFS160T Datasheet HTML 36Page - Microchip Technology MPFS160T Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
...........continued
Interface
Direction
I/O Data
Rate
I/O Clock Rate
(MHz)
Gear
Ratio
FPGA Clock Rate
(MHz)
Applications
MIPI-DPHY
Input/
Output
800 Mbps/
500 Mbps
250
2:1
125
MIPI CSI, DSI
Wide LVDS
Input/
Output
1.6 Gbps
800
8, 4,
2:1
250
ADC, DAC
4.4
Non-Volatile FPGA Fabric
The non-volatile FPGA fabric is built on state-of-the-art 28nm low power non-volatile process technology. The
PolarFire SoC FPGA fabric is composed of the following building blocks:
• Logic element
• On-chip memory (LSRAM, μSRAM, sNVM, and μPROM)
• Math block
The FPGA fabric configuration cells are SEU immune, and are used to configure I/Os and other aspects of the
device. Non-volatile FPGAs do not require the configuration process inherent in SRAM FPGAs. Non-volatile FPGAs
power up quickly like an ASIC with minimal inrush current, and are ideal for root-of-trust, first-up functionality in any
system.
4.4.1
Logic Element
The 4-input LUT can be configured either to implement any 4-input combinatorial function or to implement an
arithmetic function where the LUT output is XORed with a carry input to generate the sum output.
The logic element has the following features.
• A fully permutable 4-input LUT optimized for lowest power
• A dedicated carry chain based on a carry look-ahead technique
• A separate flip-flop that can be used independently from the LUT
4.4.2
On-Chip Memory
PolarFire SoC FPGAs integrate four different types of memories that allow the designer to optimize for power,
functionality, and area. Two memory types are volatile, and two memory types are non-volatile.
Volatile memories:
• LSRAM
• µSRAM
The LSRAMs are 20 Kb SRAMs with a built-in SECDED and interleaving to prevent multi-bit upsets (MBUs). The
µSRAMs are small distributed 64 x 12 RAMs, well suited for efficient implementation of small buffers, thereby
reserving LSRAM usage for the wider and deeper memories.
Non-volatile memories (NVMs):
• µPROM
• sNVM
The µPROM, constructed of SEU-immune, FPGA-configuration non-volatile cells, is readable at run time and writable
during device programming. It provides users with SEU-immune parameters, constants, IDs, and parametric or
initialization data. The sNVM is accessible through system service calls. Data written to the sNVM can be protected
by the PUF. The sNVM is readable and writable by the designer’s application during runtime and is an ideal storage
location for user keys and user secure boot code for the microprocessor subsystem.
4.4.3
LSRAM
Each LSRAM block consists of 20,480 bits of RAM and includes functionality to support dual-port and two-port
modes. There are numerous configurations and features for each block. The Libero SoC Design Suite has an
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com