Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS460T Datasheet(PDF) 27 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 27 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 23Page - Microchip Technology MPFS460T Datasheet HTML 24Page - Microchip Technology MPFS460T Datasheet HTML 25Page - Microchip Technology MPFS460T Datasheet HTML 26Page - Microchip Technology MPFS460T Datasheet HTML 27Page - Microchip Technology MPFS460T Datasheet HTML 28Page - Microchip Technology MPFS460T Datasheet HTML 29Page - Microchip Technology MPFS460T Datasheet HTML 30Page - Microchip Technology MPFS460T Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
4.3.1
Low-Power, High-Speed Transceiver Lane
All PolarFire SoC FPGAs contain state-of-the-art low-power transceiver lane capabilities from speeds as low as 250
Mbps up to 12.7 Gbps. The PMA is designed to support multiple protocols (as listed in the following table) with
state-of-the-art control and debug features. PCI Express Gen1 or Gen2 support is provided by a hard macro. All other
protocols are implemented with a soft IP. Serial Gigabit Ethernet is also supported with GPIO 3.3 V LVDS differential
pairs. A single transmit PLL can provide a high-speed clock up to four transceiver lanes.
Table 4-1. Transceiver Lane Protocol Support
Protocol
Data Rate (Gbps)
Channels Bonded
PCIe
2.5, 5
1, 2, 4
Interlaken
6.375, 12.7
1–16
10GBASE-KR
10.3125–12.7
1
SGMII/QSGMII
1.25–5
1
XAUI
3.125
4
RXAUI
3.125, 6.25
2, 3, 4, 6
HiGig/HiGig+/HiGiGII
3.75–4.065
4
Fiber Channel
0.6144–12.165
1
SRIO
1.25–6.3
1, 2, 4, 8
SATA
1.5–6
1
JESD204B
0.5–12.5
1–4
Display Port
2, 5, 8
4
SDI
0.277–11.88
1
4.3.1.1
Low-Power Transceiver Lane Features
The following are features of the low-power transceiver lane.
• Advanced low-power modes
• Programmable transmit amplitude and emphasis control
• Low-speed CDR operation with support for 270 Mbps SMPTE serial line rates
• Continuous time linear equalization (CTLE) and decision feedback equalization (DFE) for long-reach or
backplane applications
• Auto-adaption at receiver equalization and integrated eye monitor feature for easy serial link tuning
• Eye monitor and/or equalization can be powered down to reduce power if not needed
• Out-of-band, electrical idle signaling capability for SAS, SATA, and PCIe
• Multiple loopback modes for test and debug
• Transmit jitter attenuation for loop timing applications (SyncE compatible)
• Hot-socketing capable
• IEEE 1149.6 AC JTAG
• Adjacent channel loopback modes allow transceiver lane data streams to remain active during FPGA fabric
programming
4.3.1.2
Transmitter
The transmitter is fundamentally a parallel-to-serial converter with a conversion ratio of 8, 10, 16, 20, 32, 40, 64,
or 80 bits. It allows the designer to trade-off data path width for timing margin in high-performance designs. These
transmitter outputs drive the PC board with a differential output signal. TX_CLK is the appropriately divided serial
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com