Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS460T Datasheet(PDF) 40 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 40 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 36Page - Microchip Technology MPFS460T Datasheet HTML 37Page - Microchip Technology MPFS460T Datasheet HTML 38Page - Microchip Technology MPFS460T Datasheet HTML 39Page - Microchip Technology MPFS460T Datasheet HTML 40Page - Microchip Technology MPFS460T Datasheet HTML 41Page - Microchip Technology MPFS460T Datasheet HTML 42Page - Microchip Technology MPFS460T Datasheet HTML 43Page - Microchip Technology MPFS460T Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
6.
Low Power
PolarFire SoC FPGAs offer a variety of techniques and capabilities to lower the total application power. Users can
take advantage of these features to lower both capital and operational expenditures with smaller or no heat sinks,
smaller or fewer fans, lower cooling costs, and so on. Additionally, the lower total power advantage can also allow the
user to pack more compute operations into an existing thermal budget.
6.1
Non-Volatile Technology
Using a non-volatile complementary metal–oxide semiconductor (CMOS) technology for the FPGA configuration cells
offers several power advantages over SRAM FPGA technology.
• A non-volatile switch uses lower power than a SRAM switch, leading to lower static power consumption.
• The FPGA fabric retains the configurations at power down.
• No SRAM configuration in-rush currents
• No external configuration component is needed
6.2
Lower Power "L" Devices
Low power (L) devices provide up to 35 percent lower static power with identical electrical specifications to the STD
speed grade device. L devices can be ordered as described in the section Ordering Information.
6.3
Low-Power Transceiver Lane
PolarFire SoC FPGAs’ low-power capability is also extended to the industry’s most power efficient transceiver lane,
enabling 10GBASE-KR applications at less than 100 mW of power per lane. The transceiver lane has comprehensive
power-down controls to optimize power consumption, including programmable amplitude and edge rate control.
The following illustration shows the connection between transceiver power and data rate.
Figure 6-1. Transceiver Power versus Data Rate
Low Power
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com