Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS460T Datasheet(PDF) 3 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 3 Page - Microchip Technology

  MPFS460T Datasheet HTML 1Page - Microchip Technology MPFS460T Datasheet HTML 2Page - Microchip Technology MPFS460T Datasheet HTML 3Page - Microchip Technology MPFS460T Datasheet HTML 4Page - Microchip Technology MPFS460T Datasheet HTML 5Page - Microchip Technology MPFS460T Datasheet HTML 6Page - Microchip Technology MPFS460T Datasheet HTML 7Page - Microchip Technology MPFS460T Datasheet HTML 8Page - Microchip Technology MPFS460T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
• 1.0 V and 1.05 V operating modes
Low-Power Features
• Low device static power
• Low inrush current
• Low-power transceivers
Reliability Features
• FPGA configuration cells single-event upset (SEU) immune
• Built-in SECDED and memory interleaving on FPGA fabric LSRAMs
• SECDED on all processor memories
– Error signals trapped and exported to the FPGA fabric
• System controller suspend mode for safety-critical designs
Security Features
• Cryptography Research Incorporated (CRI)-patented differential power analysis (DPA) bitstream protection
• Integrated dual physically unclonable function (PUF)
• 56 KB of secure, non-volatile memory (sNVM)
• Built-in tamper detectors and countermeasures
• Digest integrity check for FPGA, µPROM, sNVM, and eNVM
• Side channel resistant Crypto co-processor in "S" data security devices
SoftConsole Embedded IDE
• Eclipse IDE
• Firmware catalog for device drivers
Libero® SoC Design Suite
• Complete FPGA development environment
• Includes Synplify Pro synthesis and Mentor ModelSim ME simulation
PolarFire SoC MSS Configurator
• Generates a Libero MSS component for the FPGA design
• Generates C data structures to initialize the memory map in the embedded environment
• Configures the following:
– MSS clocks
– Fabric interfaces
– IO banks
– DDR memories
– Debug features
PolarFire SoC Icicle Kit
The Icicle kit is a low-cost development platform for the PolarFire SoC FPGA. It features:
• PolarFire SoC FPGA (MPFS250T-FCVG484E)
• 2 GB LPDDR4 memory
• 8 GB eMMC
• SD card interface
• 4 x 12.7 Gbps SERDES
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com