Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS460T Datasheet(PDF) 36 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 36 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 32Page - Microchip Technology MPFS460T Datasheet HTML 33Page - Microchip Technology MPFS460T Datasheet HTML 34Page - Microchip Technology MPFS460T Datasheet HTML 35Page - Microchip Technology MPFS460T Datasheet HTML 36Page - Microchip Technology MPFS460T Datasheet HTML 37Page - Microchip Technology MPFS460T Datasheet HTML 38Page - Microchip Technology MPFS460T Datasheet HTML 39Page - Microchip Technology MPFS460T Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Figure 4-6. Math Block
>> 17
+/-
PCIN [47:0]
CARRYIN
A[17:0]
B[17:0]
D[17:0]
C[47:0]
P[47:0]
OVFL_EXT
x
+/-
4.5
PCI Express
Each PolarFire SoC FPGA integrates two low-power, built-in PCIe Gen2 controllers, allowing seamless and easy
connectivity to one or more host processors. The two PCIe controllers are shared across two quads. For more detail,
see UG0920: PolarFire SoC FPGA PCI Express User Guide.
4.5.1
PCI Express Features
The following are PCIe features.
• ×1, ×2, and ×4 lane support
• Suitable for root port, native endpoint
• PCI Express base specification revision 2.0 and 1.1 compliant
• AXI4 master and slave interfaces to the FPGA fabric
• Single function capability
• Advanced error reporting (AER) support
• Integrated clock domain crossing (CDC) to support user-selected AXI4 frequency
• Lane reversal support
• Legacy PCI power management support
• Native active state power management L0s and L1 state support
• Power management event (PME message)
• MSI and legacy INT message support
• Latency tolerance reporting (LTR)
• L1 PM sub-states with CLKREQ
• Address translation tables between the PCIe and AXI4 domains
4.5.2
PCI Express DMA Engines
Each PCIe controller supports the following built-in DMA modes, enabling low-power and efficient data transfer into
the FPGA fabric.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com