Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS460T Datasheet(PDF) 16 Page - Microchip Technology

Part # MPFS460T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS460T Datasheet(HTML) 16 Page - Microchip Technology

Back Button MPFS460T Datasheet HTML 12Page - Microchip Technology MPFS460T Datasheet HTML 13Page - Microchip Technology MPFS460T Datasheet HTML 14Page - Microchip Technology MPFS460T Datasheet HTML 15Page - Microchip Technology MPFS460T Datasheet HTML 16Page - Microchip Technology MPFS460T Datasheet HTML 17Page - Microchip Technology MPFS460T Datasheet HTML 18Page - Microchip Technology MPFS460T Datasheet HTML 19Page - Microchip Technology MPFS460T Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Figure 3-1. Interrupts
For more information on interrupts, see the PolarFire SoC MSS Technical Reference Manual.
3.4
Memory Subsystems
PolarFire SoC contains an on-chip 128 KB embedded non-volatile memory (eNVM) for user code, a flexible L2
memory subsystem, and an integrated DDR memory controller.
3.4.1
L2 Memory Subsystem
The PolarFire SoC Level 2 Cache Controller is used to provide access to fast copies of memory for masters in a
core complex. The Level 2 Cache Controller also acts as a directory-based coherency manager. The Level 2 Cache
Controller offers extensive flexibility as it allows for several features in addition to the Level 2 Cache functionality,
such as memory-mapped access to L2 Cache RAM for disabled cache ways, scratchpad functionality, way masking
and locking, and ECC support with error tracking statistics, error injection, and interrupt signaling capabilities.
The L2 Cache Controller consists of 4 banks where each bank contains 512 sets of 16 ways, and each way contains
a 64-byte block. This subdivision into banks helps facilitate increased available bandwidth between CPU masters and
the L2 Cache, as each bank has its own 128-bit inner port. As such, multiple requests to different banks may proceed
in parallel. The outer port of the L2 Cache Controller is a 128-bit port shared among all banks and is connected to the
DDR controller.
When cache ways are disabled, they are addressable in the L2 Loosely Integrated Memory (L2LIM) address space
as described in the PolarFire SoC MSS Technical Reference Manual. Fetching instructions or data from the L2-LIM
provides deterministic behavior equivalent to an L2 cache hit, with no possibility of a cache miss. Accesses to L2-LIM
are always given priority over cache way accesses which target the same L2 cache bank. Out of reset all ways,
except for way 0, are disabled. Cache ways can be enabled by writing to specific control registers. Once a cache way
is enabled, it can not be disabled unless the CPU complex is reset. The highest numbered L2 cache way is mapped
to the lowest L2-LIM address space, and way 1 occupying the highest L2-LIM address range. As L2 cache ways are
enabled, the size of the L2-LIM address space shrinks.
The L2 Cache Controller has a dedicated scratchpad address region that allows for allocation into the cache using
an address range which is not memory backed. This address region is denoted as the L2 Zero Device in the memory
map. Writes to the scratchpad region will allocate into cache ways that are enabled and not masked. Care must
be taken with the scratchpad, however, as there is no memory backing this address space. Cache evictions from
addresses in the scratchpad will result in data loss. The main advantage of the L2 Scratchpad over the L2-LIM is
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com