Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW250RAM Datasheet(PDF) 10 Page - Fuji Electric

Part # BW250RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW250RAM Datasheet(HTML) 10 Page - Fuji Electric

Back Button BW250RAM Datasheet HTML 6Page - Fuji Electric BW250RAM Datasheet HTML 7Page - Fuji Electric BW250RAM Datasheet HTML 8Page - Fuji Electric BW250RAM Datasheet HTML 9Page - Fuji Electric BW250RAM Datasheet HTML 10Page - Fuji Electric BW250RAM Datasheet HTML 11Page - Fuji Electric BW250RAM Datasheet HTML 12Page - Fuji Electric BW250RAM Datasheet HTML 13Page - Fuji Electric BW250RAM Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
06/10
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
G-TWIN Standard Series
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
Ampere frame
250A
Type
BW250EAG
BW250JAG
BW250SAG
BW250RAG
BW250HAG
Pole
2
3
2
3
4
2
3
4
2
3
4
2
3
Rated current Reference amb. temp. (40°C) In(A)
175, 200, 225, 250
125,150,160,175
200,225,250
Rated impulse withstand voltage
Uimp(kV)
6
6
6
6
6
Isolation compliant
Rated insulation voltage Ui (V)
AC
690
690
690
690
690
DC
250
250
250
250
250
Rated breaking
capacity
Icu/Ics (kA)
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
AC
690V –
–
–
–
–
500V 5/3
8/4
10/5
10/5
25/7
440V 18/9
30/15
36/18
50/25
65/17
415V 18/9
30/15
36/18
50/25
65/17
400V 18/9
30/15
36/18
50/25
65/17
380V 18/9
30/15
36/18
50/25
65/17
240V 36/18
50/25
85/43
100/50
125/63
230V 36/18
50/25
85/43
100/50
125/63
DC
250V 10/5
20/10
30/15
30/15
40/20
GB14048.2
AC
400V 18/9
30/15
36/18
50/25
–
230V 36/18
50/25
85/43
100/50
–
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
(TÜV)
(TÜV)
CCC certificate
–
Electrical Appliance and Material Safety Law <PS>E* –
–
–
–
–
Dimensions (mm)
a
105
105
105
105
140
105
105
140
105
105
140
105
b
165
165
165
165
165
c
68
68
68
68
68
d
95
95
95
95
95
Mass (kg)
1.4
1.6
1.4
1.6
2.2
1.4
1.6
2.2
1.4
1.6
2.2
1.4
1.6
Tripping device
Thermal-magnetic
Front mounting, front connection
No-mark
Front mounting, rear connection
X
Flush mounting, front connection
E
Plug-in mounting
P
–
–
–
Internal accessories
Page 06/64
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device Cap type
Q1
Handle padlocking device Plate type
Q2
Operating handle N-type
N
Operating handle V-type
V
Terminal cover Short
BT S
Terminal cover Long
BT L
Insulation barrier Interphase
BP
Handle locking cover
L1
Flat terminal
SS
Block terminal
SL
: Approved
: Available
–: Not available
Note: * Electrical Appliance and Material Safety Law of Japan
c
a
d
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com