Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW250RAM Datasheet(PDF) 72 Page - Fuji Electric

Part # BW250RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW250RAM Datasheet(HTML) 72 Page - Fuji Electric

Back Button BW250RAM Datasheet HTML 68Page - Fuji Electric BW250RAM Datasheet HTML 69Page - Fuji Electric BW250RAM Datasheet HTML 70Page - Fuji Electric BW250RAM Datasheet HTML 71Page - Fuji Electric BW250RAM Datasheet HTML 72Page - Fuji Electric BW250RAM Datasheet HTML 73Page - Fuji Electric BW250RAM Datasheet HTML 74Page - Fuji Electric BW250RAM Datasheet HTML 75Page - Fuji Electric BW250RAM Datasheet HTML 76Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
06/72
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Internal accessories (Sold separately)
• 32, 50, 63, 100AF IEC/EN/GB/JIS conformed
n
Type number
Accessory
Type
Operating voltge
Lead wire system
Terminal block system
Left side
Right side
Left side
Right side
Auxiliary switch
BZ6WL10C
BZ6WR10C
BZ6WL10CA
BZ6WR10CA
Auxiliary switch (low level circuit)
BZ6WDL10C
BZ6WDR10C
BZ6WDL10CA
BZ6WDR10CA
Alarm switch
BZ6KL10C
BZ6KR10C
BZ6KL10CA
BZ6KR10CA
Alarm switch (low level circuit)
BZ6KDL10C
BZ6KDR10C
BZ6KDL10CA
BZ6KDR10CA
Auxiliary switch + Alarm switch
BZ6WKL10C
BZ6WKR10C
BZ6WKL10CA
BZ6WKR10CA
Auxiliary switch + Alarm switch (low level circuit)
BZ6WDKDL10C
BZ6WDKDR10C
BZ6WDKDL10CA BZ6WDKDR10CA
Shunt trip device
–
BZ6FA10C
–
BZ6FA10CA
100-120V AC/100-110V DC
–
BZ6FK10C
–
BZ6FK10CA
200-240V AC
–
BZ6FP10C
–
BZ6FP10CA
380-450V AC
–
BZ6FR10C
–
BZ6FR10CA
24V AC/DC
Undervoltage trip device
–
–
–
BZ6R210C
100V AC 50Hz/100-110V AC 60Hz
–
–
–
BZ6R110C
110V AC 50Hz/110-127V AC 60Hz
–
–
–
BZ6RW10C
200V AC 50Hz/200-220V AC 60Hz
–
–
–
BZ6R410C
220V AC 50Hz/220-240V AC 60Hz
–
–
–
BZ6R510C
230V AC 50Hz/230-240V AC 60Hz
–
–
–
BZ6R810C
240V AC 50Hz
–
–
–
BZ6R010C
380V AC 50Hz 380-415V AC 60Hz
–
–
–
BZ6R910C
400V AC 50Hz 400-440V AC 60Hz
–
–
–
BZ6RF10C
24V DC
–
–
–
BZ6RT10C
100-110V DC
Molded Case Circuit Breakers
G-TWIN series
Internal accessories
Accessory
Type
Operating voltge
Lead wire system
Terminal block system
Left side
Right side
Left side
Right side
Auxiliary switch
BZ6WL10CU
BZ6WR10CU
BZ6WL10CAU
BZ6WR10CAU
Auxiliary switch (low level circuit)
BZ6WDL10CU
BZ6WDR10CU
BZ6WDL10CAU
BZ6WDR10CAU
Alarm switch
BZ6KL10CU
BZ6KR10CU
BZ6KL10CAU
BZ6KR10CAU
Alarm switch (low level circuit)
BZ6KDL10CU
BZ6KDR10CU
BZ6KDL10CAU
BZ6KDR10CAU
Auxiliary switch + Alarm switch
BZ6WKL10CU
BZ6WKR10CU
BZ6WKL10CA
BZ6WKR10CAU
Auxiliary switch + Alarm switch (low level circuit)
BZ6WDKDL10CU BZ6WDKDR10CU BZ6WDKDL10CAU BZ6WDKDR10CAU
Shunt trip device
–
BZ6FA10CU
–
BZ6FA10CAU
100-120V AC/100-110V DC
–
BZ6FK10CU
–
BZ6FK10CAU
200-240V AC
–
BZ6FP10CU
–
BZ6FP10CAU
380-450V AC
Undervoltage trip device
–
–
–
BZ6R210CAU
100V AC 50Hz/100-110V AC 60Hz
–
–
–
BZ6RW10CAU
110V AC 50Hz/110-127V AC 60Hz
–
–
–
BZ6R910CAU
200V AC 50Hz/200-220V AC 60Hz
• 50, 100AF IEC/EN/GB/JIS/UL/CSA conformed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com