Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW250RAM Datasheet(PDF) 79 Page - Fuji Electric

Part # BW250RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW250RAM Datasheet(HTML) 79 Page - Fuji Electric

Back Button BW250RAM Datasheet HTML 75Page - Fuji Electric BW250RAM Datasheet HTML 76Page - Fuji Electric BW250RAM Datasheet HTML 77Page - Fuji Electric BW250RAM Datasheet HTML 78Page - Fuji Electric BW250RAM Datasheet HTML 79Page - Fuji Electric BW250RAM Datasheet HTML 80Page - Fuji Electric BW250RAM Datasheet HTML 81Page - Fuji Electric BW250RAM Datasheet HTML 82Page - Fuji Electric BW250RAM Datasheet HTML 83Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
06/79
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
N type handles
BW9N0CA
N type handles
BW9V0CA
V type handle
External operating handles
n
Description
Molded case circuit breaker handles are
generally directly manual-operated but
when mounted in motor control centers
or on control panels they are sometimes
required to be operated externally. To
meet such applications FUJI offers the
following three types of handles.
N type handle
This type has a knob handle directly
attached to the breaker. It is easily
fitted by cutting a hole in the panel,
which is provided with a door interlock.
They may be fitted to all breakers up to
800 ampere frame sizes.
Conformed to EN60947-1 isolation
function.
Available for EN60204-1 power breaking
device.
Conformed to UL489 (File No.E93289)
V type handle
The V type handle may be fitted to
breakers of up to 800AF.
A separately sold extension shaft
provides distance adjustment between
the handle and breaker.
Conformed to EN60947-1 isolation
function.
Available for EN60204-1 power breaking
device.
Conformed to UL489 (File No.E93289)
F type handle
The F type handle may be fitted to
breakers of 125 to 400AF.
It is a flange type handle, which is
commonly used in the North American
market.
The drive section of the breaker and
the external operating handle are
connected with an optional cable.
Positioning between the breaker and
the external operating handle is not
required.
Conformed to UL489 (File No.E93289)
V type handles
Breaker
Decorative plate
N type handle on
breaker
Breaker
V type handle on
panel
F type handles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com