Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW250RAM Datasheet(PDF) 5 Page - Fuji Electric

Part # BW250RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW250RAM Datasheet(HTML) 5 Page - Fuji Electric

  BW250RAM Datasheet HTML 1Page - Fuji Electric BW250RAM Datasheet HTML 2Page - Fuji Electric BW250RAM Datasheet HTML 3Page - Fuji Electric BW250RAM Datasheet HTML 4Page - Fuji Electric BW250RAM Datasheet HTML 5Page - Fuji Electric BW250RAM Datasheet HTML 6Page - Fuji Electric BW250RAM Datasheet HTML 7Page - Fuji Electric BW250RAM Datasheet HTML 8Page - Fuji Electric BW250RAM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
06/5
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Ampere frame
50A
Type
BW50AAG
BW50EAG
BW50SAG
BW50RAG
BW50HAG
Pole
2
3
2
3
2
3
2
3
2
3
Rated current Reference amb. temp. (40°C)
In(A)
5, 10, 15, 20, 30, 32, 40, 50
10, 15, 20, 30, 32, 40, 50
15, 20, 30, 40, 50
Rated impulse withstand voltage
Uimp(kV)
6
6
6
6
6
Isolation compliant
Rated insulation voltage Ui (V)
AC
500
690
690
690
690
DC
−
250*
1
250*
1
250*
1
250
Rated breaking
capacity
Icu/Ics (kA)
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
AC
500V
−
1.5/1
5/3
7.5/4
25/7
440V
1.5/1
2.5/2
7.5/4
10/5
65/17
415V
1.5/1
2.5/2
7.5/4
10/5
65/17
400V
1.5/1
2.5/2
7.5/4
10/5
65/17
380V
1.5/1
2.5/2
7.5/4
10/5
65/17
240V
2.5/2
5/3
10/5
25/13
125/63
230V
2.5/2
5/3
10/5
25/13
125/63
DC
250V
−
2.5/2*
1
5/3*
1
5/3*
1
40/20
GB14048.2
AC
400V
1.5/1
2.5/2
7.5/4
10/5
–
230V
2.5/2
5/3
10/5
25/13
–
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
(TÜV)
(TÜV)
CCC certificate
–
Electrical Appliance and Material Safety Law <PS>E*
2
Dimensions (mm)
a
50
75
50
75
50
75
50
75
90
b
100
100
100
100
155
c
60
60
60
60
68
d
84
84
84
84
95
Mass (kg)
0.4
0.5
0.4
0.5
0.4
0.5
0.4
0.5
1.0
1.2
Tripping device
Hydraulic-magnetic
Thermal-magnetic
Front mounting, front connection
No-mark
Front mounting, rear connection
X
Flush mounting, front connection
E
Flush mounting, top & bottom connection
Y
–
–
Plug-in mounting
P
IEC 35mm wide rail mounting
No-mark
–
–
Internal accessories
Page 06/63
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device
Cap type
Q1/QN
Handle padlocking device
Plate type
Q2
Operating handle
N-type
N
Operating handle
V-type
V
Terminal cover
Short
BT S
Terminal cover
Long
BT L
Insulation barrier
Interphase
BP
Earth
BL
–
–
Handle locking cover
L1
Flat terminal
SS
Block terminal
SL −
−
−
−
−
−
−
−
: Approved
: Available
–: Not available
: Factory-mounted accessory
Note: *
1 Specify DC only when ordering circut breakers for DC circuit.
*
2 Electrical Appliance and Material Safety Law of Japan
c
a
d
b
G-TWIN Standard Series
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com