Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW250RAM Datasheet(PDF) 76 Page - Fuji Electric

Part # BW250RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW250RAM Datasheet(HTML) 76 Page - Fuji Electric

Back Button BW250RAM Datasheet HTML 72Page - Fuji Electric BW250RAM Datasheet HTML 73Page - Fuji Electric BW250RAM Datasheet HTML 74Page - Fuji Electric BW250RAM Datasheet HTML 75Page - Fuji Electric BW250RAM Datasheet HTML 76Page - Fuji Electric BW250RAM Datasheet HTML 77Page - Fuji Electric BW250RAM Datasheet HTML 78Page - Fuji Electric BW250RAM Datasheet HTML 79Page - Fuji Electric BW250RAM Datasheet HTML 80Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
06/76
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
n
Dimensions, mm
• 32AF to 100AF
Panel drilling
Molded Case Circuit Breakers
G-TWIN series
External accessories
2-ø4.5 mounting hole
Padlock
of breaker
of slider
CL
CL
(Not supplied)
35
9
13
A
B
C
CL
CL
CL
CL
Breaker mounting hole
Breaker mounting hole
Breaker
Breaker
Breaker
Breaker
2-ø4.5 or M4
2-ø4.5 or M4
of breaker
CL
of breaker
CL
BZ6M110C2
BZ6M110C3
110
85
CL
CL
CL
CL
Type
BZ6M110C2
BZ6M110C3
Dimensions, mm
A
85
110
B
42.5
55
C
83
108
Mass (kg)
0.11
0.12
Notes: • BZ6M110C2 is not available for padlock.
• Applicable padlock(ø3.5) dimensions, mm
• External installation forms F and R are not applicable to the MCCB
on the left of the diagram.
  
9.5
20
ø3.5
ø3.5
25
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com