Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 43 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 39Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 40Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 41Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 42Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 45Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 46Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 43 of 232
12.4 SFR Registers
The Special Function Registers (SFRs) control
several of the features of the 8051 CPU core
and/or peripherals. Many of the 8051 core
SFRs are identical to the standard 8051 SFRs.
However, there are additional SFRs that
control features that are not available in the
standard 8051. The additional SFRs are used
to interface with the peripheral units and RF
transceiver.
Table 25 shows the address to all SFRs in
CC2430. The 8051 internal SFRs are shown
with grey background, while the other SFRs
are the SFRs specific to
CC2430 .
Note : all internal SFRs (shown with grey
background in Table 25), can only be
accessed through SFR space as these
registers are not mapped into XDATA space.
Table 26 lists the additional SFRs that are not
standard 8051 peripheral SFRs or CPU-
internal SFRs. The additional SFRs are
described in the relevant sections for each
peripheral function.
8 bytes
80
P0
SP
DPL0
DPH0
DPL1
DPH1
U0CSR
PCON
87
88
TCON
P0IFG
P1IFG
P2IFG
PICTL
P1IEN
-
P0INP
8F
90
P1
RFIM
DPS
MPAGE
T2CMP
ST0
ST1
ST2
97
98
S0CON
-
IEN2
S1CON
T2PEROF0
T2PEROF1
T2PEROF2
-
9F
A0
P2
T2OF0
T2OF1
T2OF2
T2CAPLPL
T2CAPHPH
T2TLD
T2THD
A7
A8
IEN0
IP0
-
FWT
FADDRL
FADDRH
FCTL
FWDATA
AF
B0
-
ENCDI
ENCDO
ENCCS
ADCCON1
ADCCON2
ADCCON3
-
B7
B8
IEN1
IP1
ADCL
ADCH
RNDL
RNDH
SLEEP
-
BF
C0
IRCON
U0DBUF
U0BAUD
T2CNF
U0UCR
U0GCR
CLKCON
MEMCTR
C7
C8
-
WDCTL
T3CNT
T3CTL
T3CCTL0
T3CC0
T3CCTL1
T3CC1
CF
D0
PSW
DMAIRQ
DMA1CFGL
DMA1CFGH
DMA0CFGL
DMA0CFGH
DMAARM
DMAREQ
D7
D8
TIMIF
RFD
T1CC0L
T1CC0H
T1CC1L
T1CC1H
T1CC2L
T1CC2H
DF
E0
ACC
RFST
T1CNTL
T1CNTH
T1CTL
T1CCTL0
T1CCTL1
T1CCTL2
E7
E8
IRCON2
RFIF
T4CNT
T4CTL
T4CCTL0
T4CC0
T4CCTL1
T4CC1
EF
F0
B
PERCFG
ADCCFG
P0SEL
P1SEL
P2SEL
P1INP
P2INP
F7
F8
U1CSR
U1DBUF
U1BAUD
U1UCR
U1GCR
P0DIR
P1DIR
P2DIR
FF
Table 25: SFR address overview
Table 26: CC2430 specific SFR overview
Register name
SFR
Address
Module
Description
ADCCON1
0xB4
ADC
ADC Control 1
ADCCON2
0xB5
ADC
ADC Control 2
ADCCON3
0xB6
ADC
ADC Control 3
ADCL
0xBA
ADC
ADC Data Low
ADCH
0xBB
ADC
ADC Data High
RNDL
0xBC
ADC
Random Number Generator Data Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com