Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 61 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 57Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 58Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 59Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 60Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 61Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 62Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 63Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 64Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 61 of 232
IP1 (0xB9) – Interrupt Priority 1
Bit
Name
Reset
R/W
Description
7:6
-
00
R/W
Not used.
5
IP1_5
0
R/W
Interrupt group 5, priority control bit 1, refer to Table 30
4
IP1_4
0
R/W
Interrupt group 4, priority control bit 1, refer to Table 30
3
IP1_3
0
R/W
Interrupt group 3, priority control bit 1, refer to Table 30
2
IP1_2
0
R/W
Interrupt group 2, priority control bit 1, refer to Table 30
1
IP1_1
0
R/W
Interrupt group 1, priority control bit 1, refer to Table 30
0
IP1_0
0
R/W
Interrupt group 0, priority control bit 1, refer to Table 30
IP0 (0xA9) – Interrupt Priority 0
Bit
Name
Reset
R/W
Description
7:6
-
00
R/W
Not used.
5
IP0_5
0
R/W
Interrupt group 5, priority control bit 0, refer to Table 30
4
IP0_4
0
R/W
Interrupt group 4, priority control bit 0, refer to Table 30
3
IP0_3
0
R/W
Interrupt group 3, priority control bit 0, refer to Table 30
2
IP0_2
0
R/W
Interrupt group 2, priority control bit 0, refer to Table 30
1
IP0_1
0
R/W
Interrupt group 1, priority control bit 0, refer to Table 30
0
IP0_0
0
R/W
Interrupt group 0, priority control bit 0, refer to Table 30
IP1_x
IP0_x
Priority Level
0
0
0 – lowest
0
1
1
1
0
2
1
1
3 – highest
Table 30: Priority Level Setting
Group
Interrupts
IP0
RFERR
RF
DMA
IP1
ADC
P2INT
T1
IP2
URX0
UTX0
T2
IP3
URX1
UTX1
T3
IP4
ENC
P1INT
T4
IP5
ST
WDT
P0INT
Table 31: Interrupt Priority Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com